전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD2E001DRYRG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD2E001DRYRG4
상세설명  Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E001DRYRG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPD2E001DRYRG4 Datasheet HTML 1Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 2Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 3Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 4Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 5Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 6Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 7Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 8Page - Texas Instruments TPD2E001DRYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
0.1 µF
USB
Controller
R
T
R
T
V
BUS
D+
D–
GND
GND
IO2
D1
IO1
V
CC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD2E001
SLLS684I – JULY 2006 – REVISED MARCH 2016
TPD2E001 Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
1
1 Features
1
IEC 61000-4-2 ESD Protection (Level 4)
±8-kV Contact Discharge
±15-kV Air-Gap Discharge
IO Capacitance: 1.5 pF (Typ)
Low Leakage Current: 1 nA (Maximum)
Low Supply Current: 1 nA
0.9 V to 5.5 V Supply-Voltage Range
Space-Saving DRL, DRY, and QFN Package
Options
Alternate 3, 4, 6-Channel options Available:
TPD3E001, TPD4E001, TPD6E001
2 Applications
USB 2.0
Ethernet
FireWire™
LVDS
SVGA Video Connections
Glucose Meters
Medical Imaging
3 Description
The TPD2E001 is a two-channel Transient Voltage
Suppressor (TVS) based Electrostatic Discharge
(ESD) protection diode array. The TPD2E001 is rated
to dissipate ESD strikes at the maximum level
specified in the IEC 61000-4-2 Level 4 international
standard.
The DRS package (3.00 mm x 3.00 mm) is also
available as a non-magnetic package for medical
imaging applications.
See also TPD2E2U06DRLR which is p2p compatible
to TPD2E001DRLR and offers higher IEC ESD
Protection, lower clamping voltage, and eliminates
the input capacitor requirement.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD2E001
SOT (5)
1.60 mm x 1.20 mm
WSON (6)
3.00 mm x 3.00 mm
USON (6)
1.45 mm x 1.00 mm
SOP (4)
2.90 mm x 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Schematic


유사한 부품 번호 - TPD2E001DRYRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD2E001DRYRG4 TI-TPD2E001DRYRG4 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRYRG4 TI-TPD2E001DRYRG4 Datasheet
1Mb / 19P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001DRYRG4 TI1-TPD2E001DRYRG4 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

유사한 설명 - TPD2E001DRYRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPESD2102X5 TECHPUBLIC-TPESD2102X5 Datasheet
1Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
TPD2E001DRLR TECHPUBLIC-TPD2E001DRLR Datasheet
2Mb / 5P
   Low-Capacitance 2-Channel ESD-Protection for High-Speed Date Interfaces
logo
AMAZING Microelectronic...
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com