전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6644 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF6644
상세설명  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6644 데이터시트(HTML) 4 Page - International Rectifier

  IRF6644 Datasheet HTML 1Page - International Rectifier IRF6644 Datasheet HTML 2Page - International Rectifier IRF6644 Datasheet HTML 3Page - International Rectifier IRF6644 Datasheet HTML 4Page - International Rectifier IRF6644 Datasheet HTML 5Page - International Rectifier IRF6644 Datasheet HTML 6Page - International Rectifier IRF6644 Datasheet HTML 7Page - International Rectifier IRF6644 Datasheet HTML 8Page - International Rectifier IRF6644 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6644
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical Total Gate Charge vs
Gate-to-Source Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
3.0
4.0
5.0
6.0
7.0
VGS, Gate-to-Source Voltage (V)
0.01
0.10
1.00
10.00
100.00
VDS = 10V
≤ 60µs PULSE WIDTH
TJ = 150°C
TJ = 25°C
TJ = -40°C
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 10.3A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
6.0V
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤ 60µs PULSE WIDTH
Tj = 150°C
6.0V
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
020
40
60
QG Total Gate Charge (nC)
0
4
8
12
16
20
ID= 6.2A
VDS= 50V
VDS= 20V


유사한 부품 번호 - IRF6644

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6644PBF IRF-IRF6644PBF Datasheet
260Kb / 10P
   DirectFET Power MOSFET
IRF6644PBF IRF-IRF6644PBF Datasheet
261Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
IRF6644PBF IRF-IRF6644PBF Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IRF6644PBF INFINEON-IRF6644PBF Datasheet
1Mb / 18P
   Quality Requirement Category: Consumer
V2.0 2017-03-28
logo
International Rectifier
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
More results

유사한 설명 - IRF6644

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com