전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE350 데이터시트(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 MJE350
상세설명  Silicon PNP transistor in a TO-126F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MJE350 데이터시트(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MJE350 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE350 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE350 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE350 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE350 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE350 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MJE350
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-126/F
500
6
3,000
5
15,000
135×190
237×172×102
560×245×195
套管包装 / TUBE
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-126/F
65
26
1,690
5
8,450
532×31×5.6
555×164×50
575×290×180
使用说明 / Notices


유사한 부품 번호 - MJE350

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJE350 MOTOROLA-MJE350 Datasheet
124Kb / 4P
   0.5 AMPERE POWER TRANSISTOR PNP SILICON 300 VOLTS 20 WATTS
logo
STMicroelectronics
MJE350 STMICROELECTRONICS-MJE350 Datasheet
66Kb / 5P
   COMPLEMETARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
   High Voltage General Purpose Applications
logo
STMicroelectronics
MJE350 STMICROELECTRONICS-MJE350 Datasheet
502Kb / 5P
   COMPLEMETARY SILICON POWER TRANSISTORS
April 2003
logo
TRANSYS Electronics Lim...
MJE350 TEL-MJE350 Datasheet
73Kb / 2P
   PNP EPITAXIAL SILICON POWER TRANSISTOR
More results

유사한 설명 - MJE350

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2SB631K FOSHAN-2SB631K Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD438 FOSHAN-BD438 Datasheet
874Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD136 FOSHAN-BD136 Datasheet
751Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
BD440 FOSHAN-BD440 Datasheet
921Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
2SB772 FOSHAN-2SB772 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
KSA1156 FOSHAN-KSA1156 Datasheet
897Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
MJE172 FOSHAN-MJE172 Datasheet
759Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
MJE210 FOSHAN-MJE210 Datasheet
820Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
2SB1658 FOSHAN-2SB1658 Datasheet
832Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package
2SA715F FOSHAN-2SA715F Datasheet
926Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com