전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

X0605MK 데이터시트(Datasheet) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 X0605MK
상세내용  Thyristor in a TO-92 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo 

   
 2 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
Repetitive peak off-state voltages
VDRM
Tj=-40 to 110 ,Sine Wave,
50 to 60Hz,Gate Open
600
V
VRRM
RMS on-state current(Tc=80℃)
IT(RMS)
180°Conduction Angles
0.8
A
Non-repetitive peak on-state
current
ITSM
1/2 Cycle, Sine Wave, 60Hz,
Tj=25℃
10
A
I2t for fusing
I2t
t=8.3ms
0.415
A2S
Peak gate power
PGM
TA=25 ,Pulse Width≤1.0
μs
100
mW
Peak Average power
PG(AV)
TA=25 ,t=8.3ms
100
mW
Peak gate current
IGM
TA=25 ,Pulse Width≤1.0μs
1.0
A
Peak Reverse Gate Voltage
VRGM
TA=25 ,Pulse Width≤1.0μs
5.0
V
Junction Temperature
Tj
-40~125
Storage Temperature Range
Tstg
-40~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Repetitive peak off-state
current
IDRM,IRRM
VD=Rated
VDRM and VRRM
RGK=1KΩ
T
j
=25℃
10
μA
T
j
=125℃
100
On-state voltage
VTM
ITM=1.0A, tp=380us
1.35
V
Gate trigger current
IGT
VD=12V, RL=100Ω
50
μA
Holding current
IH
IT=50mA,
RGK=1KΩ
T
j
=25℃
5
mA
T
j
=-40℃
10
Latch Current
IL
IG=1mA,
RGK=1KΩ
T
j
=25℃
10
mA
T
j
=-40℃
15
Gate trigger voltage
VGT
VD=12V,
RL=100Ω
T
j
=25℃
0.8
V
T
j
=-40℃
1.2
Off-state leakage current
VGD
VD=1/2VDRM
0.2
V
Forward Voltage Application
Rate
dv/dt
VD=67% VDRM
RGK=1KΩ
Tj=125℃
20
V/us
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl