전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

PMC-1401FH 데이터시트(Datasheet) 2 Page - PIC GmbH

부품명 PMC-1401FH
상세내용  Standard SMD Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PIC [PIC GmbH]
홈페이지  http://www.pic-gmbh.com
Logo 

   
 2 page
background image
S W T
I C H I N G T HE S M A R T WAY
PMC-1401FH
PMC-1401FH
Standard SMD Reed Switch
Recommended PCB Layout in mm
Soldering Information
Tape Dimensions in mm
Recommended Mounting Force
3
Maximum Mounting Force
8
N
N
PMC-1401FH
When placed onto ferromagnetic parts
switching distance of
may reduce.
Electromagnetical influences and magnetic
fields may change the switching behaviour
of the SMD Reed Switch.
Remarks
Tolerance ±0.1 unless otherwise specified
Mounting Force
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.2
pmc1401fh_e_1.2
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Page 2 of 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl