전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GPTP4125 데이터시트(Datasheet) 2 Page - Green Power Solutions srl

부품명 GPTP4125
상세내용  PHASE CONTROLLED SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo 

   
 2 page
background image
PHASE CONTROLLED SCR
GPTP4125
Ordering information GPTP4125-VVGL
VV: blocking voltage / 100 (e.g. 36 for 3600 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTP4125T001
0
2
4
6
8
10
12
14
16
18
20
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
500
1000
1500
2000
2500
3000
0
1
2
3
V
T [V]
On-state voltage drop
T
j=Tjmax
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0.001
0.1
10
Time [s]
Thermal impedance (j-c)
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000 1200
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
500
1000
1500
2000
2500
3000
3500
0
200
400
600
800
1000
1200
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
0
500
1000
1500
2000
2500
1
1.25
1.5
1.75
2
2.25
2.5
V
T [V]
On-state voltage drop
T
j=Tjmax
dimensions mm




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl