전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

2SA562 데이터시트(Datasheet) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SA562
상세내용  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/index.asp
Logo 

   
 3 page
background image
-1
-10
-100
-10
-100
-200
-400
-600
-800
-1000
-1200
-1
-10
-100
-1
-10
-100
10
100
1000
-1
-10
-100
-200
-400
-600
-800
-1000
-1200
0
25
50
75
100
125
150
0
125
250
375
500
625
-0.1
-1
-10
1
10
100
-0.0
-0.5
-1.0
-1.5
-0
-40
-80
-120
-100
10
100
1000
-300
f
T
——
I
C
——
h
FE
——
-500
T
a=100
T
a=25
=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-500
T
a=25
T
a=100
COMMON EMITTER
V
CE=-1V
BASE-EMMITER VOLTAGE V
BE
(mV)
COMMON EMITTER
V
CE=-1V
T
a=25
T
a=100
I
C
COLLECTOR CURRENT I
C
(mA)
-500
I
C
V
BE
-500
=10
T
a=100
T
a=25
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
C
ob
C
ib
f=1MHz
I
E=0 / IC=0
T
a=25
REVERSE VOLTAGE V (V)
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
Static Characteristic
-0.80mA
-0.72mA
-0.64mA
-0.56mA
-0.48mA
-0.40mA
-0.32mA
-0.24mA
-0.16mA
COMMON EMITTER
T
a=25
I
B=-0.08mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON EMITTER
V
CE= -6V
T
a=25
COLLECTOR CURRENT I
C
(mA)
-10
www.cj-elec.com

($XJ
Typical Characteristics




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl