전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV036F180M007 데이터시트(PDF) 6 Page - Vicor Corporation

부품명 MV036F180M007
상세설명  MV036 SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F180M007 데이터시트(HTML) 6 Page - Vicor Corporation

Back Button MV036F180M007 Datasheet HTML 2Page - Vicor Corporation MV036F180M007 Datasheet HTML 3Page - Vicor Corporation MV036F180M007 Datasheet HTML 4Page - Vicor Corporation MV036F180M007 Datasheet HTML 5Page - Vicor Corporation MV036F180M007 Datasheet HTML 6Page - Vicor Corporation MV036F180M007 Datasheet HTML 7Page - Vicor Corporation MV036F180M007 Datasheet HTML 8Page - Vicor Corporation MV036F180M007 Datasheet HTML 9Page - Vicor Corporation MV036F180M007 Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIL-COTS Chip Transformer
Rev 2.9
vicorpower.com
Page 6 of 10
01/2014
800 927.9474
End of Life - Please see First Page
MV036 SERIES
+In / -In DC Voltage Ports
The VTM® input should be connected to the PRM® output terminals.
Given that both the PRM and VTM have high switching frequencies, it
is often good practice to use a series inductor to limit high frequency
currents between the PRM output and VTM input capacitors. The input
voltage should not exceed the maximum specified. If the input voltage
exceeds the overvoltage turn-off, the VTM will shutdown. The VTM
does not have internal input reverse polarity protection. Adding a
properly sized diode in series with the positive input or a fused reverse-
shunt diode will provide reverse polarity protection.
TM – For Factory Use Only
VC – VTM Control
The VC port is multiplexed. It receives the initial VCC voltage from an
upstream PRM, synchronizing the output rise of the VTM with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
The VC port is not intended to be used to supply V
CC voltage to the
VTM for extended periods of time. If VC is being supplied from a source
other than the PRM, the voltage should be removed after 20 ms.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
+Out / -Out DC Voltage Output Ports
The output and output return are through two sets of contact
locations. The respective +Out and –Out groups must be connected in
parallel with as low an interconnect resistance as possible.
To take full advantage of the VTM, the user should note the low output
impedance of the device. The low output impedance provides fast
transient response without the need for bulk POL capacitance. Limited-
life electrolytic capacitors required with conventional converters can be
reduced or even eliminated, saving cost and valuable board real estate.
-In
PC
VC
TM
+In
-Out
+Out
-Out
+Out
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
4
3
2
1
A
B
C
D
E
H
J
K
L
M
N
P
R
T
Figure 9 — VTM pin configuration
Signal Name
Pin Designation
+In
A1-E1, A2-E2
–In
L1-T1, L2-T2
TM
H1, H2
VC
J1, J2
PC
K1, K2
+Out
A3-D3, A4-D4,
J3-M3, J4-M4
–Out
E3-H3, E4-H4,
N3-T3, N4-T4


유사한 부품 번호 - MV036F180M007

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
MV036F180M007 VICOR-MV036F180M007 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F180M007 VICOR-MV036F180M007 Datasheet
711Kb / 10P
   Transformer
MV036F180M007 VICOR-MV036F180M007 Datasheet
1Mb / 10P
   High density
More results

유사한 설명 - MV036F180M007

제조업체부품명데이터시트상세설명
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com