전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2001 데이터시트(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC2001
상세설명  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2001 데이터시트(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2001 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2001 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2001 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2001 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2001 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.1
1
10
1
10
100
0
25
50
75
100
125
150
0
150
300
450
600
750
200
400
600
800
1000
1200
0.1
1
10
100
1
10
100
10
100
1000
0.1
1
10
100
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
0
30
60
90
120
150
0.1
1
10
100
200
400
600
800
1000
1200
0.1
1
10
100
10
100
1000
C
ob
C
ib
f=1MHz
I
E=0/ IC=0
Ta=25
oC
REVERSE VOLTAGE V (V)
20
V
CB
/ V
EB
C
ob
/ C
ib
——
AMBIENT TEMPERATURE Ta ( )
Pc
——
Ta
700
T
a=25
T
a=100
COMMON EMITTER
V
CE=1V
BASE-EMITER VOLTAGE V
BE
(mV)
f
T
——
V
BE
I
C
——
COMMON EMITTER
V
CE=6V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=1V
Ta=25
oC
Ta=100
oC
I
C
COLLECTOR CURRENT I
C
(mA)
700
Static Characteristic
COMMON EMITTER
T
a=25
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
C
700
β=10
Ta=100℃
Ta=25℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
h
FE
——
700
Ta=100℃
Ta=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
www.cj-elec.com
3
E,Aug,2017
Typical Characteristics


유사한 부품 번호 - 2SC2001

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SC2001 ETC-2SC2001 Datasheet
1Mb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
NEC
2SC2001 NEC-2SC2001 Datasheet
154Kb / 2P
   NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2001 ETC1-2SC2001 Datasheet
41Kb / 1P
   Medium Power Amplifiers and Switches
logo
TRANSYS Electronics Lim...
2SC2001 TEL-2SC2001 Datasheet
59Kb / 1P
   Plastic-Encapsulated Transistors
logo
Dc Components
2SC2001 DCCOM-2SC2001 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

유사한 설명 - 2SC2001

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com