전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2230A 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC2230A
상세설명  TO-92L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2230A 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2230A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2230A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2230A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92L
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92L Plastic-Encapsulate Transistors
2SC2230A
TRANSISTOR (NPN)
FEATURES
High Breakdown Voltage
High DC Current Gain
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
200
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
180
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=200V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
hFE(1)
VCE=10V, IC=10mA
120
400
DC current gain
hFE(2)
VCE=10V, IC=50mA
80
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.5
V
Base-emitter voltage
VBE
VCE=10V, IC=1mA
0.5
0.7
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
7
pF
Transition frequency
fT
VCE=10V,IC=10mA
50
MHz
CLASSIFICATION OF hFE(1)
RANK
Y
GR
RANGE
120-240
200-400
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
200
V
VCEO
Collector-Emitter Voltage
180
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
0.1
A
PC
Collector Power Dissipation
800
mW
RθJA
Thermal Resistance From Junction To Ambient
156
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
JC T
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,Mar,2016


유사한 부품 번호 - 2SC2230A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC2230A TOSHIBA-2SC2230A Datasheet
133Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process)
logo
Foshan Blue Rocket Elec...
2SC2230A FOSHAN-2SC2230A Datasheet
869Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
logo
SHENZHEN KOO CHIN ELECT...
2SC2230A KOOCHIN-2SC2230A Datasheet
286Kb / 3P
   TRANSISTOR (NPN)
More results

유사한 설명 - 2SC2230A

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTD863 JIANGSU-KTD863 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA684L DGNJDZ-2SA684L Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com