전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2411 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC2411
상세설명  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2411 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2411 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2411 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2411 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2411 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
2SC2411
TRANSISTOR(NPN)
FEATURES
High ICMax.ICMax. = 0.5mA
Low VCE(sat).Optimal for low voltage operation.
Complements the 2SA1036
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
32
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=20V,IE=0
1
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
1
μA
DC current gain
hFE
VCE=3V,IC=100mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
0.4
V
Transition frequency
fT
VCE=5V,IC=20mA,f=100MHz
250
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
6.0
pF
CLASSIFICATION OF hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
CP
CQ
CR
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
JC T
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,Aug,2015


유사한 부품 번호 - 2SC2411

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
2SC2411 BILIN-2SC2411 Datasheet
436Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
2SC2411 SECOS-2SC2411 Datasheet
230Kb / 2P
   NPN Transistor Plastic-Encapsulate Transi stors
logo
Shenzhen Jin Yu Semicon...
2SC2411 HTSEMI-2SC2411 Datasheet
648Kb / 2P
   TRANSISOR(NPN)
logo
GUANGDONG HOTTECH INDUS...
2SC2411 HOTTECH-2SC2411 Datasheet
189Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC2411 BILIN-2SC2411 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results

유사한 설명 - 2SC2411

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com