전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55NEM208A 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TC55NEM208A
상세설명  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM208A 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TC55NEM208A Datasheet HTML 1Page - Toshiba Semiconductor TC55NEM208A Datasheet HTML 2Page - Toshiba Semiconductor TC55NEM208A Datasheet HTML 3Page - Toshiba Semiconductor TC55NEM208A Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM208A Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM208A Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM208A Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM208A Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM208A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC55NEM208AFPN/AFTN55,70
2002-09-18
2/10
BLOCK DIAGRAM
OPERATING MODE
MODE
CE
OE
R/W
I/O1~I/O8
POWER
Read
L
L
H
Output
IDDO
Write
L
*
L
Input
IDDO
Output Deselect
L
H
H
High-Z
IDDO
Standby
H
*
*
High-Z
IDDS
* = don't care
H = logic high
L = logic low
MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VDD
Power Supply Voltage
0.3~7.0
V
VIN
Input Voltage
0.3*~7.0
V
VI/O
Input/Output Voltage
0.5~VDD + 0.5
V
PD
Power Dissipation
0.6
W
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
55~150
°C
Topr
Operating Temperature
40~85
°C
*:
2.0 V when measured at a pulse width of 20ns
COLUMN ADDRESS
BUFFER
A5
I/O1
MEMORY CELL ARRAY
2,048
× 256 × 8
(4,194,304)
COLUMN ADDRESS
DECODER
COLUMN ADDERSS
REGISTER
SENSE AMP
CE
A6
A7
A8
A9
A14
A11
A15
A16
CE
VDD
GND
CE
R/W
OE
A4
CE
A18
A2
A0 A1
A17
A3 A10 A12 A13
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
8


유사한 부품 번호 - TC55NEM208A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFPV55 TOSHIBA-TC55NEM208AFPV55 Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFPV70 TOSHIBA-TC55NEM208AFPV70 Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFTV55 TOSHIBA-TC55NEM208AFTV55 Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55NEM208AFTV70 TOSHIBA-TC55NEM208AFTV70 Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
More results

유사한 설명 - TC55NEM208A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58512FT TOSHIBA-TC58512FT Datasheet
420Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58100FT TOSHIBA-TH58100FT Datasheet
421Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC51WHM616AXBN70 TOSHIBA-TC51WHM616AXBN70 Datasheet
207Kb / 11P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM316AXBN40 TOSHIBA-TC55VEM316AXBN40 Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG1S3BFT00 TOSHIBA-TC58NVG1S3BFT00 Datasheet
315Kb / 37P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com