전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2983 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC2983
상세설명  TO-251-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2983 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2983 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2983 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2983 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-251-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-251-3L Plastic-Encapsulate Transistors
2SC2983
TRANSISTOR (NPN)
FEATURES
High Transition Frequency
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
160
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=10mA,IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=160V,IE=0
1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
1
μA
DC current gain
hFE
VCE=5V, IC=100mA
70
240
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
1.5
V
Base-emitter voltage
VBE
VCE=5V, IC=500mA
1
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
25
pF
Transition frequency
fT
VCE=10V,IC=100mA,
100
MHz
*Pulse test
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
70-140
120-240
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
160
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
1.5
A
PC
Collector Power Dissipation
1
W
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
D,Nov,2014


유사한 부품 번호 - 2SC2983

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC2983 TOSHIBA-2SC2983 Datasheet
139Kb / 2P
   TRANSISTOR (POWER, DIRVER STAGE AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2983 KEXIN-2SC2983 Datasheet
39Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
Toshiba Semiconductor
2SC2983 TOSHIBA-2SC2983 Datasheet
155Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Inchange Semiconductor ...
2SC2983 ISC-2SC2983 Datasheet
383Kb / 4P
   isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC2983 TOSHIBA-2SC2983 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - 2SC2983

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
3DA752 JIANGSU-3DA752 Datasheet
348Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SA1700 JIANGSU-2SA1700 Datasheet
766Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SD1802 JIANGSU-2SD1802 Datasheet
1Mb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
D882M JIANGSU-D882M Datasheet
1Mb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
MJD31C JIANGSU-MJD31C Datasheet
913Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SB1202 JIANGSU-2SB1202 Datasheet
432Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SB1412 JIANGSU-2SB1412 Datasheet
458Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SC3303 JIANGSU-2SC3303 Datasheet
289Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SD2118 JIANGSU-2SD2118 Datasheet
558Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SA1615 JIANGSU-2SA1615 Datasheet
220Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SC4003 JIANGSU-2SC4003 Datasheet
373Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com