전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4373 데이터시트(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC4373
상세설명  SOT-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC4373 데이터시트(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC4373 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4373 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4373 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4373 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
1
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
110
100
200
400
600
800
1000
1
10
100
10
100
110
100
10
100
1000
024
68
0
50
100
150
200
250
300
350
200
400
600
800
1000
1
10
100
20
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
——
REVERSE VOLTAGE V (V)
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
Static Characteristic
800
I
C
h
FE
——
β=10
T
a=100
T
a=25
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
800
400
800
β=10
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
T
a=100
T
a=25
COMMON EMITTER
V
CE=5V
COLLECTOR CURRENT I
C
(mA)
800
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
2.0mA
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
0.4mA
I
B=0.2mA
BASE-EMMITER VOLTAGE V
BE (mV)
COMMON EMITTER
V
CE=5V
V
BE
I
C
——
Typical Characteristics
www.cj-elec.com
2
www.cj-elec.com
C,Oct,2015


유사한 부품 번호 - 2SC4373

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
   NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4373 HTSEMI-2SC4373 Datasheet
369Kb / 1P
   TRANSISTOR (NPN)
logo
Nanjing International G...
2SC4373 DGNJDZ-2SC4373 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SC4373-HF KEXIN-2SC4373-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC4373-O KEXIN-2SC4373-O Datasheet
825Kb / 2P
   NPN Transistors
More results

유사한 설명 - 2SC4373

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com