전자부품 데이터시트 검색엔진 |
|
TLV2451AID 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
TLV2451AID 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 45 page TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005 4 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID ±VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix −40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE: All voltage values, except differential voltages, are with respect to GND. DISSIPATION RATING TABLE PACKAGE θJC ( °C/W) θJA ( °C/W) TA ≤ 25°C POWER RATING D (8) 38.3 176 710 mW D (14) 26.9 122.3 1022 mW D (16) 25.7 114.7 1090 mW DBV (5) 55 324.1 385 mW DBV (6) 55 294.3 425 mW DGK (8) 54.2 259.9 481 mW DGS (10) 54.1 257.7 485 mW N (14, 16) 32 78 1600 mW P (8) 41 104 1200 mW PW (14) 29.3 173.6 720 mW PW (16) 28.7 161.4 774 mW recommended operating conditions MIN MAX UNIT Supply voltage, VDD Single supply 2.7 6 V Supply voltage, VDD Split supply ±1.35 ±3 V Common-mode input voltage range, VICR 0 VDD V Operating free-air temperature, TA C-suffix 0 70 °C Operating free-air temperature, TA I-suffix −40 125 °C VIH 2 V Shutdown on/off voltage level‡ VIL VDD = 5V 0.8 V Shutdown on/off voltage level VIL VDD = 3V 0.5 V ‡ Relative to voltage on the GND terminal of the device. |
유사한 부품 번호 - TLV2451AID |
|
유사한 설명 - TLV2451AID |