전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81314LQ36GK-106I 데이터시트(PDF) 10 Page - GSI Technology

부품명 GS81314LQ36GK-106I
상세설명  Burst of 2 Multi-Bank ECCRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314LQ36GK-106I 데이터시트(HTML) 10 Page - GSI Technology

Back Button GS81314LQ36GK-106I Datasheet HTML 6Page - GSI Technology GS81314LQ36GK-106I Datasheet HTML 7Page - GSI Technology GS81314LQ36GK-106I Datasheet HTML 8Page - GSI Technology GS81314LQ36GK-106I Datasheet HTML 9Page - GSI Technology GS81314LQ36GK-106I Datasheet HTML 10Page - GSI Technology GS81314LQ36GK-106I Datasheet HTML 11Page - GSI Technology GS81314LQ36GK-106I Datasheet HTML 12Page - GSI Technology GS81314LQ36GK-106I Datasheet HTML 13Page - GSI Technology GS81314LQ36GK-106I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
GS81314LQ18/36GK-133/120/106
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.09 5/2016
10/40
© 2014, GSI Technology
Post Input Training Requirements
In this case, MRW is driven asynchronously, whereas R, W, and SA[10:1] are all driven synchronously (i.e. they all meet setup and
hold time specs to
CK). When Register Write Mode is utilized in this manner, multiple registers can be programmed during any
particular instance that MRW is asserted High. The timing diagrams below arbitrarily show four registers programmed while MRW
is asserted High, but in practice it can be any number greater than or equal to one.
The requirements for this usage case are as follows:
• At least 16 NOPs must be initiated before and after the Register Write(s).
• MRW High must meet minimum setup time requirements (tMRWS) to the
CK that generates the first Register Write.
• MRW High must meet minimum hold time requirements (tMRWH) from the
CK that generates the first NOP after the last Reg-
ister Write.
• R must be driven Low (synchronously) and SA[10:1] must be driven Valid (synchronously) for each Register Write.
• W state is a “don’t care” (synchronously) for each Register Write.
Note: tMRWS = tMRWH = 4 cycles (minimum).
Asynchronous Register Write Timing Diagram - Pre Input Training
tMRWH
CK
W
SA[10:1]
Register Write Mode
Register #n
MRW
tMRWS
tMRWPW
R
Must be “high” to prevent memory write; “don’t care” otherwise
16 NOPs
16 NOPs
Asynchronous Register Write Timing Diagram - Post Input Training
CK
SA[10:1]
W
Register Write Mode
16 NOPs
Read / Write
Read / Write
16 NOPs
Reg #d
Reg #a
MRW
Reg #b
Reg #c
tIVKH tKHIX
R
tMRWH
tMRWS
X
X
X
X
V
VV
V
V
V
V
V
V


유사한 부품 번호 - GS81314LQ36GK-106I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314LQ36GK-120 GSI-GS81314LQ36GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-120I GSI-GS81314LQ36GK-120I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-133 GSI-GS81314LQ36GK-133 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-133I GSI-GS81314LQ36GK-133I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results

유사한 설명 - GS81314LQ36GK-106I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314LQ18GK-120 GSI-GS81314LQ18GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-106 GSI-GS81314PQ18GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ36GK-106 GSI-GS81314PQ36GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ18GK-133 GSI-GS81314LQ18GK-133 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-120I GSI-GS81314LQ36GK-120I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-120 GSI-GS81314PQ18GK-120 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ36GK-120I GSI-GS81314PQ36GK-120I Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-120I GSI-GS81314PQ18GK-120I Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ18GK-106 GSI-GS81314LQ18GK-106 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-120 GSI-GS81314LQ36GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com