전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N32-X006 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 4N32-X006
상세설명  Optocoupler, Photodarlington Output, High Gain With Base Connection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32-X006 데이터시트(HTML) 1 Page - Vishay Siliconix

  4N32-X006 Datasheet HTML 1Page - Vishay Siliconix 4N32-X006 Datasheet HTML 2Page - Vishay Siliconix 4N32-X006 Datasheet HTML 3Page - Vishay Siliconix 4N32-X006 Datasheet HTML 4Page - Vishay Siliconix 4N32-X006 Datasheet HTML 5Page - Vishay Siliconix 4N32-X006 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4N32, 4N33
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 15-Feb-11
1
Document Number: 81865
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Photodarlington Output, High Gain,
With Base Connection
DESCRIPTION
The 4N32 and 4N33 are optically coupled isolators with a
gallium arsenide infrared LED and a solicon photodarlington
sensor.
Switching can be achieved while maintaining a high degree
of isolation between driving and load circuits.
These optocouplers can be used to replace reed and
mercury relays with advantages of long life, high speed
switching and elimination of magnetic fields.
FEATURES
• Very high current transfer ratio, 500 % min.
• High isolation resistance, 1011
Ω typical
• Standard plastic DIP package
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E52744 system code H
• DIN EN 60747-5-2 (VDE 0884) / DIN EN 60747-5-5
(pending), available with option 1
• BSI IEC 60950; IEC 60065
•FIMKO
Notes
• Additional options may be possible, please contact sales office
(1) Also available in tubes, do not put T on the end
i179005_1
1
2
3
6
5
4
B
C
E
A
C
NC
V
DE
i179005
ORDERING INFORMATION
4
N
3#
-
X
0##
T
PART NUMBER
PACKAGE OPTION
TAPE AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, BSI, FIMKO
≥ 500
≥ 500
DIP-6
4N32
4N33
DIP-6, 400 mil, option 6
4N32-X006
-
SMD-6, option 7
4N32-X007T (1)
4N33-X007T (1)
SMD-6, option 9
4N32-X009T (1)
4N33-X009T (1)
VDE, UL, BSI, FIMKO
≥ 500
≥ 500
DIP-6
4N32-X001
4N33-X001
SMD-6, option 7
4N32-X017T
4N33-X017T (1)
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 6
Option 9


유사한 부품 번호 - 4N32-X006

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
4N32-X000 VISHAY-4N32-X000 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N32-X007 VISHAY-4N32-X007 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N32-X007 VISHAY-4N32-X007 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N32-X009 VISHAY-4N32-X009 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N32-X009 VISHAY-4N32-X009 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
More results

유사한 설명 - 4N32-X006

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 07-May-08
4N32-X000 VISHAY-4N32-X000 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com