전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N33 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 4N33
상세설명  Optocoupler, Photodarlington Output, High Gain With Base Connection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N33 데이터시트(HTML) 3 Page - Vishay Siliconix

  4N33 Datasheet HTML 1Page - Vishay Siliconix 4N33 Datasheet HTML 2Page - Vishay Siliconix 4N33 Datasheet HTML 3Page - Vishay Siliconix 4N33 Datasheet HTML 4Page - Vishay Siliconix 4N33 Datasheet HTML 5Page - Vishay Siliconix 4N33 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4N32, 4N33
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 15-Feb-11
3
Document Number: 81865
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 2 - Normalized Non-Saturated and Saturated Collector Emitter
Current vs. LED Current
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
VCE = 10 V, IF = 10 mA
CTR
500
-
-
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
VCC = 10 V, IC = 50 mA
ton
--
5
μs
Turn-off time
IF = 200 mA, RL = 180
Ω
toff
-
-
100
μs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
-
55 / 100 / 21
-
Comparative tracking index
CTI
175
-
399
VIOTM
8000
-
-
V
VIORM
890
-
-
V
PSO
--
700
mW
ISI
--
400
mA
TSI
--
175
°C
Creepage distance
Standard DIP-6
7
-
-
mm
Clearance distance
Standard DIP-6
7
-
-
mm
Creepage distance
400 mil DIP-6
8
-
-
mm
Clearance distance
400 mil DIP-6
8
-
-
mm
Insulation thickness,
reinforced rated
per IEC 60950 2.10.5.1
0.4
-
-
mm
i4n32-33_02
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
CE = 5 V
I
F - LED Current (mA)
V
CE = 5 V
I
F = 10 mA
T
A = 25 °C
Normalized to:
V
CE = 1 V
i4n32-33_03
100
1
0.1
0.001
0.01
0.1
1
10
I
F - LED Current (mA)
10
V
CE = 5 V
I
F = 10 mA
T
A = 25 °C
Normalized to:
V
CE = 5 V
V
CE = 1 V


유사한 부품 번호 - 4N33

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
4N33 MOTOROLA-4N33 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Everlight Electronics C...
4N33 EVERLIGHT-4N33 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
Vishay Siliconix
4N33 VISHAY-4N33 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N33 VISHAY-4N33 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
logo
QT Optoelectronics
4N33 QT-4N33 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
More results

유사한 설명 - 4N33

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 07-May-08
4N32-X000 VISHAY-4N32-X000 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com