전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N33-X009T 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 4N33-X009T
상세설명  Optocoupler, Photodarlington Output, High Gain With Base Connection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N33-X009T 데이터시트(HTML) 5 Page - Vishay Siliconix

  4N33-X009T Datasheet HTML 1Page - Vishay Siliconix 4N33-X009T Datasheet HTML 2Page - Vishay Siliconix 4N33-X009T Datasheet HTML 3Page - Vishay Siliconix 4N33-X009T Datasheet HTML 4Page - Vishay Siliconix 4N33-X009T Datasheet HTML 5Page - Vishay Siliconix 4N33-X009T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4N32, 4N33
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 15-Feb-11
5
Document Number: 81865
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
DIP-6 Package Dimensions
PACKAGE MARKING
Notes
• Example marking for 4N32-X017T
• Only options 1, and 7 reflected in the package marking
• The VDE logo is only marked on option 1 parts
• Tape and reel suffix (T) is not part of the package marking
i178004
0.25 typ.
2.95 ± 0.5
3.555 ± 0.255
0.8 min.
7.62 typ.
0.85 ± 0.05
2.54 typ.
1 min.
0.5 ± 0.05
6.4 ± 0.1
8.6 ± 0.1
Pin one ID
6
5
4
1
2
3
18°
3° to 9°
7.62 to 8.81
4° typ.
ISO method A
1.2 ± 0.1
Option 6
Option 7
20802-24
Option 9
10.16 typ.
7.62 typ.
8 min.
7.62 typ.
4.3 ± 0.3
0.6 min.
10.3 max.
0.7 min.
10.3 max.
7.62 typ.
8 min.
0.6 min.
0.1 ± 0.1
3.6 ± 0.3
3.5 ± 0.3
0.1 min.
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
2.55 ± 0.25
21764-18
4N32
-X017
V YWW H 68


유사한 부품 번호 - 4N33-X009T

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
4N33-X009 VISHAY-4N33-X009 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N33-X009 VISHAY-4N33-X009 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
More results

유사한 설명 - 4N33-X009T

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 07-May-08
4N32-X000 VISHAY-4N32-X000 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com