전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8673ED36BK-625IS 데이터시트(PDF) 11 Page - GSI Technology

부품명 GS8673ED36BK-625IS
상세설명  72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673ED36BK-625IS 데이터시트(HTML) 11 Page - GSI Technology

Back Button GS8673ED36BK-625IS Datasheet HTML 7Page - GSI Technology GS8673ED36BK-625IS Datasheet HTML 8Page - GSI Technology GS8673ED36BK-625IS Datasheet HTML 9Page - GSI Technology GS8673ED36BK-625IS Datasheet HTML 10Page - GSI Technology GS8673ED36BK-625IS Datasheet HTML 11Page - GSI Technology GS8673ED36BK-625IS Datasheet HTML 12Page - GSI Technology GS8673ED36BK-625IS Datasheet HTML 13Page - GSI Technology GS8673ED36BK-625IS Datasheet HTML 14Page - GSI Technology GS8673ED36BK-625IS Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
I/O Capacitance
Parameter
Symbol
Min
Max
Units
Notes
Input Capacitance
CIN
5.0
pF
1, 3
Output Capacitance
COUT
5.5
pF
2, 3
Notes:
1. VIN = VDDQ/2.
2. VOUT = VDDQ/2.
3. TA = 25C, f = 1 MHz.
Input Electrical Characteristics when MVQ = 0
Parameter
Symbol
Min
Max
Units
Notes
DC Input Reference Voltage
VREFdc
0.48 * VDDQ
0.52 * VDDQ
V
DC Input High Voltage
VIH1dc
VREF + 0.08
VDDQ + 0.15
V
4
DC Input Low Voltage
VIL1dc
–0.15
VREF – 0.08
V
4
DC Input High Voltage
VIH2dc
0.75 * VDDQ
VDDQ + 0.15
V
5
DC Input Low Voltage
VIL2dc
–0.15
0.25 * VDDQ
V
5
AC Input Reference Voltage
VREFac
0.47 * VDDQ
0.53 * VDDQ
V
1
AC Input High Voltage
VIH1ac
VREF + 0.15
VDDQ + 0.25
V
2, 3, 4
AC Input Low Voltage
VIL1ac
–0.25
VREF – 0.15
V
2, 3, 4
AC Input High Voltage
VIH2ac
VDDQ – 0.2
VDDQ + 0.25
V
2, 5
AC Input Low Voltage
VIL2ac
– 0.25
0.2
V
2, 5
Notes:
1. VREFac is equal to VREFdc plus noise.
2. VIH max and VIL min apply for pulse widths less than one-quarter of the cycle time.
3. Input rise and fall times must be a minimum of 1 V/ns, and within 10% of each other.
4. Applies to: CK, CK, KD, KD, SA, R, W, D.
5. Applies to: RST, MVQ, MZT, PZT.
GS8673ED18/36BK-725S/625S/550S
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 6/2015
11/25
© 2012, GSI Technology


유사한 부품 번호 - GS8673ED36BK-625IS

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8673ED36BK-625I GSI-GS8673ED36BK-625I Datasheet
263Kb / 32P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BK-625I GSI-GS8673ED36BK-625I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
More results

유사한 설명 - GS8673ED36BK-625IS

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673EQ18 GSI-GS8673EQ18 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BGK-675I GSI-GS8673ED36BGK-675I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-625S GSI-GS8673ED18BGK-625S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BGK-500I GSI-GS8673ED36BGK-500I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-675 GSI-GS8673ED18BGK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BGK-625I GSI-GS8673ED36BGK-625I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BK-675 GSI-GS8673ED36BK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com