전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8673ED36BK-675 데이터시트(PDF) 6 Page - GSI Technology

부품명 GS8673ED36BK-675
상세설명  72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673ED36BK-675 데이터시트(HTML) 6 Page - GSI Technology

Back Button GS8673ED36BK-675 Datasheet HTML 2Page - GSI Technology GS8673ED36BK-675 Datasheet HTML 3Page - GSI Technology GS8673ED36BK-675 Datasheet HTML 4Page - GSI Technology GS8673ED36BK-675 Datasheet HTML 5Page - GSI Technology GS8673ED36BK-675 Datasheet HTML 6Page - GSI Technology GS8673ED36BK-675 Datasheet HTML 7Page - GSI Technology GS8673ED36BK-675 Datasheet HTML 8Page - GSI Technology GS8673ED36BK-675 Datasheet HTML 9Page - GSI Technology GS8673ED36BK-675 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
GS8673ED18/36BK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 5/2012
6/31
© 2011, GSI Technology
Power Up Requirements
For reliability purposes, power supplies must power up simultaneously, or in the following sequence:
VSS, VDD, VDDQ, VREF and inputs.
Power supplies must power down simultaneously, or in the reverse sequence.
After power supplies power up, the following start-up sequence must be followed.
Step 1 (Recommended, but not required): Assert RST High for at least 1ms.
While RST is asserted high:
• The DLL is disabled, regardless of the state of the DLL pin.
• Read and Write operations are ignored.
Note: If possible, RST should be asserted High before input clocks (CK, CK, KD, KD) begin toggling, and remain asserted High
until input clocks are stable and toggling within specification, in order to prevent unstable, out-of-spec input clocks from causing
trouble in the SRAM.
Step 2: Begin toggling input clocks.
After input clocks begin toggling, but not necessarily within specification:
• Q are placed in the non-Read state, and remain so until the first Read operation.
• QVLD are driven Low, and remain so until the first Read operation.
• CQ, CQ begin toggling, but not necessarily within specification.
Step 3: Wait until input clocks are stable and toggling within specification.
Step 4: De-assert RST Low (if asserted High).
Step 5: Wait at least 160K (163,840) cycles.
During this time:
• Output driver and input termination impedances are calibrated (i.e. set to the programmed values).
Note: The DLL pin may be asserted High or de-asserted Low during this time. If asserted High, DLL synchronization begins
immediately after output driver and input termination impedance calibration has completed. If de-asserted Low, DLL
synchronization begins after the DLL pin is asserted High (see Step 6). In either case, Step 7 must follow thereafter.
Step 6: Assert DLL pin High (if de-asserted Low).
Step 7: Wait at least 64K (65,536) cycles.
During this time:
• The DLL is enabled and synchronized properly.
After DLL synchronization has completed:
• CQ, CQ begin toggling within specification.
Step 8: Begin initiating Read and Write operations.


유사한 부품 번호 - GS8673ED36BK-675

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8673ED36BK-675 GSI-GS8673ED36BK-675 Datasheet
263Kb / 32P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BK-675I GSI-GS8673ED36BK-675I Datasheet
263Kb / 32P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BK-675I GSI-GS8673ED36BK-675I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
More results

유사한 설명 - GS8673ED36BK-675

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673EQ18 GSI-GS8673EQ18 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BGK-675I GSI-GS8673ED36BGK-675I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-625S GSI-GS8673ED18BGK-625S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BGK-500I GSI-GS8673ED36BGK-500I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-675 GSI-GS8673ED18BGK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BGK-625I GSI-GS8673ED36BGK-625I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com