전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8182D19BGD-333I 데이터시트(PDF) 7 Page - GSI Technology

부품명 GS8182D19BGD-333I
상세설명  JEDEC-standard pinout and package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182D19BGD-333I 데이터시트(HTML) 7 Page - GSI Technology

Back Button GS8182D19BGD-333I Datasheet HTML 3Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 4Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 5Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 6Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 7Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 8Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 9Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 10Page - GSI Technology GS8182D19BGD-333I Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
GS8182D19/37BD-435/400/375/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03a 11/2011
7/27
© 2008, GSI Technology
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaQuad-II SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to
VSS via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be
5X the value of the desired RAM output impedance. The allowable range of RQ to guarantee impedance matching continuously is
between 175
Ω and 350Ω. Periodic readjustment of the output driver impedance is necessary as the impedance is affected by drifts
in supply voltage and temperature. The SRAM’s output impedance circuitry compensates for drifts in supply voltage and
temperature. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance
evaluation may move the output driver impedance level one step at a time towards the optimum level. The output driver is
implemented with discrete binary weighted impedance steps.
Separate I/O SigmaQuad II+ B4 SRAM Truth Table
Previous
Operation
A
R
W
Current
Operation
D
D
D
D
Q
Q
Q
Q
K
(tn-1)
K
(tn)
K
(tn)
K
(tn)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
t(n+2½)
K
(tn+2)
K
t(n+2½)
K
t(n+3)
K
t(n+3½)
Deselect
X
1
1
Deselect
X
X
Hi-Z
Hi-Z
Write
X
1
X
Deselect
D2
D3
Hi-Z
Hi-Z
Read
X
X
1
Deselect
X
X
Q2
Q3
Deselect
V
1
0
Write
D0
D1
D2
D3
Hi-Z
Hi-Z
Deselect
V
0
X
Read
X
X
Q0
Q1
Q2
Q3
Read
V
X
0
Write
D0
D1
D2
D3
Q2
Q3
Write
V
0
X
Read
D2
D3
Q0
Q1
Q2
Q3
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations.
4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations.
5. Qs are tristated for one cycle in response to Deselect and Write commands, one cycle after the command is sampled, except when pre-
ceded by a Read command.
6. Users should not clock in metastable addresses.


유사한 부품 번호 - GS8182D19BGD-333I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results

유사한 설명 - GS8182D19BGD-333I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com