전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847W 데이터시트(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 BC847W
상세설명  SOT-323 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC847W 데이터시트(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC847W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847W Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ Max
Unit
Collector-base breakdown voltage
BC846W
BC847W
BC848W
VCBO
IC= 10µA, IE=0
80
50
30
V
Collector-emitter breakdown voltage
BC846W
BC847W
BC848W
VCEO
IC= 10mA, IB=0
65
45
30
V
Emitter-base breakdown voltage
BC846W
BC847W
BC848W
VEBO
IE= 1 µA, IC=0
6
6
5
V
Collector Cutoff Current
ICBO
VCB=30V
15
nA
DC current gain
BC846AW,847AW,848AW
BC846BW,847BW,848BW
BC847CW,BC848CW
BC846AW,847AW,848AW
BC846BW,847BW,848BW
BC847CW,BC848CW
hFE
VCE= 5V, IC= 10µA
VCE= 5V, IC= 2mA
110
200
420
90
150
270
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=0. 5mA
IC=100mA, IB= 5mA
0.25
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA, IB=0. 5mA
IC=100mA, IB= 5mA
0.7
0.9
V
Base-emitter voltage
VBE(on)
VCE= 5V, IC= 2mA
VCE= 5V, IC= 10mA
580
660
700
770
mV
Transition frequency
fT
VCE= 5 V, IC= 10mA
f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V,f=1MHz
4.5
pF
Noise figure
BC846AW,847AW,848AW
BC846BW,847BW,848BW
BC847CW,BC848CW
NF
VCE=5V,Ic=0.2mA,
f=1KHz,RS=2KΩ
BW=200Hz
10
4
dB
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
D,Sep,2014


유사한 부품 번호 - BC847W

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC847W PHILIPS-BC847W Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
KEC(Korea Electronics)
BC847W KEC-BC847W Datasheet
349Kb / 1P
   USM PACKAGE
logo
Jiangsu Changjiang Elec...
BC847W JIANGSU-BC847W Datasheet
887Kb / 5P
   SOT-323 Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
BC847W KEC-BC847W Datasheet
251Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
NXP Semiconductors
BC847W NXP-BC847W Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
More results

유사한 설명 - BC847W

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SC4098 JIANGSU-2SC4098 Datasheet
695Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SC4102 JIANGSU-2SC4102 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SC4116 JIANGSU-2SC4116 Datasheet
873Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
KTA2015 JIANGSU-KTA2015 Datasheet
733Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
MMST4403 JIANGSU-MMST4403 Datasheet
844Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2PD601AW JIANGSU-2PD601AW Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SA1586 JIANGSU-2SA1586 Datasheet
852Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SA1579 JIANGSU-2SA1579 Datasheet
846Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
MMSTA92 JIANGSU-MMSTA92 Datasheet
923Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SA1577 JIANGSU-2SA1577 Datasheet
794Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com