전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S1142A-H 데이터시트(PDF) 19 Page - Seiko Instruments Inc

부품명 S1142A-H
상세설명  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SII [Seiko Instruments Inc]
홈페이지  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1142A-H 데이터시트(HTML) 19 Page - Seiko Instruments Inc

Back Button S1142A-H Datasheet HTML 15Page - Seiko Instruments Inc S1142A-H Datasheet HTML 16Page - Seiko Instruments Inc S1142A-H Datasheet HTML 17Page - Seiko Instruments Inc S1142A-H Datasheet HTML 18Page - Seiko Instruments Inc S1142A-H Datasheet HTML 19Page - Seiko Instruments Inc S1142A-H Datasheet HTML 20Page - Seiko Instruments Inc S1142A-H Datasheet HTML 21Page - Seiko Instruments Inc S1142A-H Datasheet HTML 22Page - Seiko Instruments Inc S1142A-H Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
Rev.2.2_01
S-1142A/BxxH Series
19
3. Dropout voltage vs. Output current
3. 1 VOUT = 2.0 V
3. 2 VOUT = 5.0 V
50
100
150
200
250
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
IOUT [mA]
+25C
40C
Tj =
+125C
50
100
150
200
250
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IOUT [mA]
25C
40C
Tj =
125C
3. 3 VOUT = 12.0 V
50
100
150
200
250
0
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
IOUT [mA]
25C
40C
Tj =
125C
4. Dropout voltage vs. Temperature
4. 1 VOUT = 2.0 V
4. 2 VOUT = 5.0 V
0.9
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
40 25
0
25
50
75
100 125
Tj [
C]
IOUT = 100 mA
10 mA
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
40 25
0
25
50
75
100 125
Tj [
C]
IOUT = 100 mA
10 mA
4. 3 VOUT = 12.0 V
40 25
0
25
50
75
100 125
0.30
0
Tj [
C]
0.25
0.20
0.15
0.10
0.05
IOUT = 100 mA
10 mA


유사한 부품 번호 - S1142A-H

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
More results

유사한 설명 - S1142A-H

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S1142C-H SII-S1142C-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com