전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N136-X001 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 6N136-X001
상세설명  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N136-X001 데이터시트(HTML) 7 Page - Vishay Siliconix

Back Button 6N136-X001 Datasheet HTML 2Page - Vishay Siliconix 6N136-X001 Datasheet HTML 3Page - Vishay Siliconix 6N136-X001 Datasheet HTML 4Page - Vishay Siliconix 6N136-X001 Datasheet HTML 5Page - Vishay Siliconix 6N136-X001 Datasheet HTML 6Page - Vishay Siliconix 6N136-X001 Datasheet HTML 7Page - Vishay Siliconix 6N136-X001 Datasheet HTML 8Page - Vishay Siliconix 6N136-X001 Datasheet HTML 9Page - Vishay Siliconix 6N136-X001 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6N135, 6N136
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 02-Nov-15
7
Document Number: 83604
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIP-8, Option 6
DIP-8, Option 7
PIN ONE I.D.
8765
2
14
3
10.16 max.
9.75 ± 0.15
1.27 ± 0.10
0.50 ± 0.10
2.54 nom.
3 x 2.54 = 7.62
0.95 ± 0.20
10.16 typ.
7.62 typ.
6.70 ± 0.15
10.55 ± 0.40
0.25 ± 0.10
PIN ONE I.D.
12
3
4
7
86
5
10.16 max.
9.75 ± 0.15
1.27 ± 0.10
2.54 nom.
3 x 2.54 = 7.62
0.95 ± 0.20
Leads
coplanarity
0.10 max.
10.05 ± 0.25
7.62 typ.
8.00 min.
6.70 ± 0.15
0.75 ± 0.25
8.40 min.
R0.250
2.54
0.76
1.78
1.52
11.05
8.00 min.
Recommended Footprint


유사한 부품 번호 - 6N136-X001

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N136-X001 VISHAY-6N136-X001 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

유사한 설명 - 6N136-X001

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com