전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8672Q20BGE-500I 데이터시트(PDF) 5 Page - GSI Technology

부품명 GS8672Q20BGE-500I
상세설명  JEDEC-standard package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672Q20BGE-500I 데이터시트(HTML) 5 Page - GSI Technology

  GS8672Q20BGE-500I Datasheet HTML 1Page - GSI Technology GS8672Q20BGE-500I Datasheet HTML 2Page - GSI Technology GS8672Q20BGE-500I Datasheet HTML 3Page - GSI Technology GS8672Q20BGE-500I Datasheet HTML 4Page - GSI Technology GS8672Q20BGE-500I Datasheet HTML 5Page - GSI Technology GS8672Q20BGE-500I Datasheet HTML 6Page - GSI Technology GS8672Q20BGE-500I Datasheet HTML 7Page - GSI Technology GS8672Q20BGE-500I Datasheet HTML 8Page - GSI Technology GS8672Q20BGE-500I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GS8672Q20/38BE-500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01c 8/2017
5/28
© 2011, GSI Technology
Background
Separate I/O SRAMs, from a system architecture point of view, are attractive in applications where alternating reads and writes are
needed. Therefore, the SigmaQuad-II+ ECCRAM interface and truth table are optimized for alternating reads and writes. Separate
I/O SRAMs are unpopular in applications where multiple reads or multiple writes are needed because burst read or write transfers
from Separate I/O ECCRAMs can cut the RAM’s bandwidth in half.
SigmaQuad-II+ B2 ECCRAM DDR Read
The read port samples the status of the Address Input and R pins at each rising edge of K. A Low on the Read Enable pin, R, begins
a read cycle. Data can be clocked out after the next rising edge of K with a rising edge of C (or by K if C and C are tied High), and
after the following rising edge of K with a rising edge of C (or by K if C and C are tied High). Clocking in a High on the Read
Enable pin, R, begins a read port deselect cycle.
SigmaQuad-II+ B2 ECCRAM DDR Write
The write port samples the status of the W pin at each rising edge of K and the Address Input pins on the following rising edge of
K. A Low on the Write Enable pin, W, begins a write cycle. The first of the data-in pairs associated with the write command is
clocked in with the same rising edge of K used to capture the write command. The second of the two data in transfers is captured on
the rising edge of K along with the write address. Clocking in a High on W causes a write port deselect cycle.


유사한 부품 번호 - GS8672Q20BGE-500I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8672Q20BGE-500I GSI-GS8672Q20BGE-500I Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
GS8672Q20BGE-500I GSI-GS8672Q20BGE-500I Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
More results

유사한 설명 - GS8672Q20BGE-500I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8672D20BE-633 GSI-GS8672D20BE-633 Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D20BGE-450 GSI-GS8672D20BGE-450 Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D20BE-633I GSI-GS8672D20BE-633I Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D38BGE-500I GSI-GS8672D38BGE-500I Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D38BGE-400I GSI-GS8672D38BGE-400I Datasheet
483Kb / 30P
   JEDEC-standard package
GS8342DT20BGD-400I GSI-GS8342DT20BGD-400I Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8662D38BGD-350I GSI-GS8662D38BGD-350I Datasheet
556Kb / 33P
   JEDEC-standard pinout and package
GS8662Q07BD-333 GSI-GS8662Q07BD-333 Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662Q37BGD-333 GSI-GS8662Q37BGD-333 Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8342DT10BD-300 GSI-GS8342DT10BD-300 Datasheet
507Kb / 29P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com