전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA8638NV 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LA8638NV
상세설명  LA8638NV
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8638NV 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LA8638NV Datasheet HTML 7Page - Sanyo Semicon Device LA8638NV Datasheet HTML 8Page - Sanyo Semicon Device LA8638NV Datasheet HTML 9Page - Sanyo Semicon Device LA8638NV Datasheet HTML 10Page - Sanyo Semicon Device LA8638NV Datasheet HTML 11Page - Sanyo Semicon Device LA8638NV Datasheet HTML 12Page - Sanyo Semicon Device LA8638NV Datasheet HTML 13Page - Sanyo Semicon Device LA8638NV Datasheet HTML 14Page - Sanyo Semicon Device LA8638NV Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LA8638NV
No.6627-11/15
10
0
-10
-20
-30
-40
-50
-60
0.1
23
5 7 1.0
23
5 7 10
23
5
7
5
6
4
3
2
1
0
13
26
5
47
電源電圧, VCC −V
周波数,
f −Hz
スプラッタフィルタ周波数特性
VCC=2.4V
24ピン抵抗:4.3kΩ
no signal
消費電流 VCC依存性
BTLオン
BTLオフ
スタンバイ
8
6
7
5
4
3
13
26
5
47
2
0
1
-1
-2
13
26
5
47
3
1
2
0
13
26
5
47
14
6
10
12
4
8
2
13
26
5
47
-80
-100
-90
-85
-105
-95
-110
13
26
5
47
電源電圧, VCC −V
電源電圧, VCC −V
電源電圧, VCC −V
電源電圧, VCC −V
電源電圧, VCC −V
High/Lowレベル
9ピン抵抗
1kΩ
30 - 29ピン抵抗
4.7kΩ
RL=2kΩ
VIN=-10dBV
1kHz - BPF
受信系ミュート減衰レベル VCC依存性
BTLパワーアンプ最大出力電圧 VCC依存性
出力ひずみ率 VCC依存性
切換えレベル差 VCC依存性
コンパンダ利得誤差 VCC依存性
-6
-10
-8
-12
-14
-16
-18
-20
13
26
5
47
電源電圧, VCC −V
出力レベル VCC依存性
Limit level (1kHz-BPF)
TX (23ピン)←VIN
=−60dBV
RX (10ピン)←VIN=−20dBV
RX-CHANGE
TX-CHANGE
Expandor←VIN=−30dB
Compressor←VIN=−40dB
TX (23ピン)←VIN=−60dBV
RX (10ピン)←VIN=−20dBV
TX-DATA (23ピン)←VIN=−20dBV
THD=3%
THD=1%
13, 14ピン
10ピン


유사한 부품 번호 - LA8638NV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com