전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA10715-BOOM-S 데이터시트(PDF) 4 Page - Ledil, Inc.

부품명 CA10715-BOOM-S
상세설명  Boom series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10715-BOOM-S 데이터시트(HTML) 4 Page - Ledil, Inc.

  CA10715-BOOM-S Datasheet HTML 1Page - Ledil, Inc. CA10715-BOOM-S Datasheet HTML 2Page - Ledil, Inc. CA10715-BOOM-S Datasheet HTML 3Page - Ledil, Inc. CA10715-BOOM-S Datasheet HTML 4Page - Ledil, Inc. CA10715-BOOM-S Datasheet HTML 5Page - Ledil, Inc. CA10715-BOOM-S Datasheet HTML 6Page - Ledil, Inc. CA10715-BOOM-S Datasheet HTML 7Page - Ledil, Inc. CA10715-BOOM-S Datasheet HTML 8Page - Ledil, Inc. CA10715-BOOM-S Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Part no.s:
Spot CA10715
Medium CA10930
Wide CA10931
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
2:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
A4
1/1
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
-
Boom-reflector
PC
metal
Boom reflector
CA10715, CA10930, CA10931
1,25 g
16
Front view
Scale:
2:1
Tape 0,2mm
22.2
20.5
Top view
Scale:
2:1
Isometric view
Scale:
1:1


유사한 부품 번호 - CA10715-BOOM-S

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA10715 CREE-CA10715 Datasheet
452Kb / 9P
   Boom series
logo
Ledil, Inc.
CA10715 LEDIL-CA10715 Datasheet
452Kb / 9P
   Boom RefAssy
CA10715 LEDIL-CA10715 Datasheet
745Kb / 13P
   CA10930_BOOM-M
More results

유사한 설명 - CA10715-BOOM-S

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA10715 CREE-CA10715 Datasheet
452Kb / 9P
   Boom series
CA10716 CREE-CA10716 Datasheet
291Kb / 5P
   Boom series
CA10930 CREE-CA10930 Datasheet
745Kb / 13P
   Boom series
logo
Ledil, Inc.
CA10716-BOOM-S LEDIL-CA10716-BOOM-S Datasheet
291Kb / 5P
   Boom series
CA10930-BOOM-M LEDIL-CA10930-BOOM-M Datasheet
745Kb / 13P
   Boom series
CA10928-BOOM-M LEDIL-CA10928-BOOM-M Datasheet
257Kb / 4P
   Boom series
CA10931-BOOM-W LEDIL-CA10931-BOOM-W Datasheet
423Kb / 10P
   Boom series
logo
Cree, Inc
CA10929 CREE-CA10929 Datasheet
366Kb / 6P
   Boom series
CA10928 CREE-CA10928 Datasheet
257Kb / 4P
   Boom series
CA12957 CREE-CA12957 Datasheet
123Kb / 4P
   Boom series
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com