전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S9012W 데이터시트(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 S9012W
상세설명  SOT-323T Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

S9012W 데이터시트(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  S9012W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9012W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9012W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9012W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-1
-10
-100
10
100
1000
-1
-10
-100
-1
-10
-100
-1000
-0.1
-1
-10
1
-10
-100
10
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-0
-1
-2
-3
-4
-5
-0
-20
-40
-60
-80
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE=-1V
-500
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
T
a=100
I
C
V
CEsat
——
-500
1000
100
-500
100
10
-20
Cob
Cib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
-5
V
CE=-6V
T
a=25
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
V
BE
I
C
——
T
a=25
T
a=100
COMMON EMITTER
V
CE=-1V
BASE-EMMITER VOLTAGE V
BE (V)
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
-500
I
C
V
BEsat
——
-300uA
-270uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-240uA
-210uA
-180uA
-150uA
-120uA
-90uA
-60uA
I
B=-30uA
COMMON
EMITTER
T
a=25
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
C,Sep,2014
Typical Characteristics


유사한 부품 번호 - S9012W

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
S9012W DGNJDZ-S9012W Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
More results

유사한 설명 - S9012W

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S9013W-SOT-323 HDSEMI-S9013W-SOT-323 Datasheet
2Mb / 3P
   SOT-323 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com