전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CB3T3253 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CB3T3253
상세설명  DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74CB3T3253 Datasheet HTML 4Page - Texas Instruments SN74CB3T3253 Datasheet HTML 5Page - Texas Instruments SN74CB3T3253 Datasheet HTML 6Page - Texas Instruments SN74CB3T3253 Datasheet HTML 7Page - Texas Instruments SN74CB3T3253 Datasheet HTML 8Page - Texas Instruments SN74CB3T3253 Datasheet HTML 9Page - Texas Instruments SN74CB3T3253 Datasheet HTML 10Page - Texas Instruments SN74CB3T3253 Datasheet HTML 11Page - Texas Instruments SN74CB3T3253 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74CB3T3253
DUAL 1OF4 FET MULTIPLEXER/DEMULTIPLEXER
2.5V/3.3V LOW VOLTAGE BUS SWITCH WITH 5V TOLERANT LEVEL SHIFTER
SCDS148 − OCTOBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.0
1.0
2.0
3.0
4.0
0.0
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
1.0
2.0
3.0
4.0
5.0
6.0
VCC = 3 V
IO = 1 µA
TA = 25°C
VCC = 2.3 V
IO = 1 µA
TA = 25°C
Figure 3. Data Output Voltage vs Data Input Voltage


유사한 부품 번호 - SN74CB3T3253

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3T3253D TI-SN74CB3T3253D Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253D TI1-SN74CB3T3253D Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DBQR TI-SN74CB3T3253DBQR Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DBQR TI1-SN74CB3T3253DBQR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DGVR TI-SN74CB3T3253DGVR Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - SN74CB3T3253

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com