전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RGTH80TK65D 데이터시트(PDF) 10 Page - Rohm

부품명 RGTH80TK65D
상세설명  650V 40A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RGTH80TK65D 데이터시트(HTML) 10 Page - Rohm

Back Button RGTH80TK65D Datasheet HTML 5Page - Rohm RGTH80TK65D Datasheet HTML 6Page - Rohm RGTH80TK65D Datasheet HTML 7Page - Rohm RGTH80TK65D Datasheet HTML 8Page - Rohm RGTH80TK65D Datasheet HTML 9Page - Rohm RGTH80TK65D Datasheet HTML 10Page - Rohm RGTH80TK65D Datasheet HTML 11Page - Rohm RGTH80TK65D Datasheet HTML 12Page - Rohm RGTH80TK65D Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH80TK65D
lElectrical Characteristic Curves
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
D= 0.5
0.2
0.1
0.01
0.02
0.05
Single Pulse
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
D= 0.5
0.2
0.1
0.01
0.02
0.05
Single Pulse
Fig.21 IGBT Transient Thermal Impedance
Pulse Width : t1[s]
Fig.22 Diode Transient Thermal Impedance
Pulse Width : t1[s]
t1
t2
P
DM
Duty=t1/t2
Peak T
j=PDM×ZthJC+TC
t1
t2
P
DM
Duty=t1/t2
Peak T
j=PDM×ZthJC+TC
10/11
2016.01 - Rev.A


유사한 부품 번호 - RGTH80TK65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
   650V 40A Field Stop Trench IGBT
More results

유사한 설명 - RGTH80TK65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
RGW80TK65E ROHM-RGW80TK65E Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2018.03 - Rev.A
RGTV80TS65 ROHM-RGTV80TS65 Datasheet
974Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGS80TS65D ROHM-RGS80TS65D Datasheet
905Kb / 13P
   650V 40A Field Stop Trench IGBT
RGTH80TS65D ROHM-RGTH80TS65D Datasheet
1Mb / 13P
   650V 40A Field Stop Trench IGBT
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGW80TK65 ROHM-RGW80TK65 Datasheet
1Mb / 10P
   650V 40A Field Stop Trench IGBT
2017.10 - Rev.A
RGT80TS65D ROHM-RGT80TS65D Datasheet
733Kb / 12P
   650V 40A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com