전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81302DT11E-400I 데이터시트(PDF) 6 Page - GSI Technology

부품명 GS81302DT11E-400I
상세설명  JEDEC-standard pinout and package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302DT11E-400I 데이터시트(HTML) 6 Page - GSI Technology

Back Button GS81302DT11E-400I Datasheet HTML 2Page - GSI Technology GS81302DT11E-400I Datasheet HTML 3Page - GSI Technology GS81302DT11E-400I Datasheet HTML 4Page - GSI Technology GS81302DT11E-400I Datasheet HTML 5Page - GSI Technology GS81302DT11E-400I Datasheet HTML 6Page - GSI Technology GS81302DT11E-400I Datasheet HTML 7Page - GSI Technology GS81302DT11E-400I Datasheet HTML 8Page - GSI Technology GS81302DT11E-400I Datasheet HTML 9Page - GSI Technology GS81302DT11E-400I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
x18/x36 only
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.5 V or 1.8 V Nominal
VSS
Power Supply: Ground
Supply
QVLD
Q Valid Output
Output
ODT
On-Die Termination
Input
Low = Low Impedance Range
High/Float = High Impedance Range
NC
No Connect
Notes:
1. NC = Not Connected to die or any other pin
2. When ZQ pin is directly connected to VDDQ, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. K and K cannot be set to VREF voltage.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02c 8/2017
6/31
© 2011, GSI Technology
GS81302DT06/11/20/38E-500/450/400/350


유사한 부품 번호 - GS81302DT11E-400I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81302DT11E-450I GSI-GS81302DT11E-450I Datasheet
515Kb / 31P
   JEDEC-standard pinout and package
More results

유사한 설명 - GS81302DT11E-400I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS8182D19BGD-333I GSI-GS8182D19BGD-333I Datasheet
554Kb / 27P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com