전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ABU2518 데이터시트(PDF) 1 Page - Advanced Semiconductor Business Inc.

부품명 ABU2518
상세설명  5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASB [Advanced Semiconductor Business Inc.]
홈페이지  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU2518 데이터시트(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ABU2518 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU2518 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ASB Inc.
 sales@asb.co.kr
September 2017
ABU2518
1. Product Overview
1.1
General Description
ABU2518, a wide-band linear push-pull amplifier MMIC, has high linearity and low noise over a wide
range of 5 ~ 1400 MHz, being suitable to low return loss in the reverse (5 ~ 300 MHz) and flat gain in
the forward path (50 ~ 1400 MHz) in the fiber receiver, distribution amplifiers and drop amplifiers of
CATV. The gain slope is adjustable with the off-chip feedback circuit components. The amplifier is
available in an SOIC8 package and passes through the stringent 100% DC & RF test in an automated
test handler.
1.2
Features
 Low-noise and high linearity
 Wide-band CATV application at 5 ~ 1400 MHz
 75 input & output matching
 Robust under hard operation conditions
 20.3 dB gain at 50 MHz
 CSO of 71 dBc, CTB of 60 dBc
@ Pout = 103 dB
V flat for NTSC 77 channels, device voltage = +5 V
 Single supply: +5 V
1.3
Applications
 CATV Reverse at 5 ~ 300 MHz
 CATV Forward at 50 ~ 1400 MHz
 HFC Nodes, Head-end Equipment
1.4
Package Profile & RoHS Compliance
SOIC8, 6.0x4.8 mm2, surface mount
RoHS-compliant
ABU2518 Data Sheet
5 ~ 1400 MHz CATV Push-pull Amplifier MMIC


유사한 부품 번호 - ABU2518

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor ...
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
More results

유사한 설명 - ABU2518

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor ...
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2516 ASB-ABB2516 Datasheet
574Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL912 ASB-ASL912 Datasheet
885Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com