전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB3EZ82D5 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SMB3EZ82D5
상세설명  3.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB3EZ82D5 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMB3EZ82D5 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB3EZ82D5 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB3EZ82D5 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB3EZ82D5 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SMB3EZxxD5 Series
Voltage 3.3 V ~ 200 V
3.0 Watts Surface Mount Zener Diode
14-Jan-2013 Rev. C
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


유사한 부품 번호 - SMB3EZ82D5

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMB3EZ82D5 MCC-SMB3EZ82D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
logo
Anova Technologies CO.,...
SMB3EZ82D5 ANOVA-SMB3EZ82D5 Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
SMB3EZ82D5;3F1;DO-214AA ANOVA-SMB3EZ82D5;3F1;DO-214AA Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
More results

유사한 설명 - SMB3EZ82D5

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com