전자부품 데이터시트 검색엔진 |
|
BD25B 데이터시트(PDF) 1 Page - BeRex Corporation |
|
BD25B 데이터시트(HTML) 1 Page - BeRex Corporation |
1 / 5 page 1 Typical Isolation = 23 dB Typical Insertion Loss = 0.5 dB MSL 3 moisture rating Lead-free/RoHS-compliant SOIC-8 Plastic Package With exposed back side ground pad BeRex’s Divider BD25B is designed for PCS, WCDMA & TD-SCDMA and WiBro band with low Insertion Loss and Isolation. This chip is fully passivated for enhanced performance and reliability and packaged in RoHS- compliant with SOIC-8 surface mount pack- age. It can be used without back side ground soldering. (This may degrade the perfor- mance at the high frequency edge.) Product Description Device Features Base station Infrastructure Commercial/Industrial/Military wireless system Applications Evaluation Board Drawing Typical Performance 1 Absolute Maximum Ratings BeRex ●website: www.berex.com ●email: sales@berex.com Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex. All other trademarks are the property of their respective owners. © 2010 BeRex Parameter Min Typical Max Unit Frequency Range 1700 2500 MHz Insertion Loss 0.5 0.8 dB Isolation 15 23 dB IRL(S11) -20 -15 dBm ORL(S22/S33) -23 -15 dBm Amplitude Balance 0.05 0.2 dB Phase Balance 0.7 2.0 deg Parameter Rating Input Power 1W CW dBm Storage Temperature -55 to +155°C Operating Temperature -40 to +85°C Operation of this device above any of these parameters may result in permanent damage. Rev. D *All specifications apply to the following test conditions, 1. Device performance _ measured on BeRex E/B at 25 °C, 50ohm system. 2. Insertion Loss: Above 3.0dB. 3. Back side ground _ soldered. Function Block Diagram Pins 1,3,4,6 and 7 must be DC and RF grounded. Quadruple Band 2-Way SMT Power Divider BD25B 1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro |
유사한 부품 번호 - BD25B_14 |
|
유사한 설명 - BD25B_14 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |