전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG05N10J 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSG05N10J
상세설명  Dual-N Enhancement Mode Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG05N10J 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG05N10J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG05N10J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG05N10J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSG05N10J
5A , 100V , RDS(ON) 140m
Dual-N Enhancement Mode Power MOSFET
10-Feb-2017 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOP-8
Q05N10
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
SSG05N10J uses advanced trench technology and design to
provide excellent RDS(on) with low gate charge. This device is
suitable for the use in a wide variety of applications.
FEATURES
Special processing technology for high ESD capability
High density cell design for ultra low RDS(on)
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
APPLICATIONS
Power switching application
Hard switching and high frequency circuits
Uninterruptible power supply
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
4K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
5
A
Pulsed Drain Current
1
IDM
24
A
Power Dissipation
1
PD
1.4
W
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Thermal Resistance Rating
Thermal Resistance from Junction to Ambient
2
RθJA
89
°C/ W
Date Code
G
S
G
S
D
D
D
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.33
0.51
B
4.700
5.10
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
L
1.35
1.75
E
0.40
1.27
M
0.10
0.25
F
0.17
0.25
N
0.25 REF.
G
1.27 TYP.


유사한 부품 번호 - SSG05N10J

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG05N10J-C SECOS-SSG05N10J-C Datasheet
207Kb / 3P
   Dual-N Enhancement Mode Power MOSFET
More results

유사한 설명 - SSG05N10J

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG9904 SECOS-SSG9904 Datasheet
485Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4822J SECOS-SSG4822J Datasheet
203Kb / 3P
   Dual-N Enhancement Mode Power MOSFET
SSG9971A SECOS-SSG9971A Datasheet
422Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N Datasheet
150Kb / 2P
   Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228 Datasheet
823Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904_15 Datasheet
485Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N_15 Datasheet
112Kb / 2P
   Dual-N Enhancement Mode Power MOSFET
SSG4940NC SECOS-SSG4940NC_15 Datasheet
581Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228_15 Datasheet
823Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4910N SECOS-SSG4910N_15 Datasheet
919Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com