전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG3110 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSG3110
상세설명  Dual- Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG3110 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSG3110 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG3110 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG3110 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG3110 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SSG3110
2.2A, 100V, RDS(O ) 310 mΩ
Dual-
Enhancement Mode Power MOSFET
02-Sep-2016 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTICS CURVE


유사한 부품 번호 - SSG3110

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG3215B-C SECOS-SSG3215B-C Datasheet
729Kb / 4P
   Dual-$ Enhancement Mode Power MOSFET
More results

유사한 설명 - SSG3110

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG3215B-C SECOS-SSG3215B-C Datasheet
729Kb / 4P
   Dual-$ Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904 Datasheet
485Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4822J SECOS-SSG4822J Datasheet
203Kb / 3P
   Dual-N Enhancement Mode Power MOSFET
SSG9971A SECOS-SSG9971A Datasheet
422Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N Datasheet
150Kb / 2P
   Dual-N Enhancement Mode Power MOSFET
SSG4228 SECOS-SSG4228 Datasheet
823Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904_15 Datasheet
485Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N_15 Datasheet
112Kb / 2P
   Dual-N Enhancement Mode Power MOSFET
SSG4801 SECOS-SSG4801_15 Datasheet
1,000Kb / 4P
   Dual-P Enhancement Mode Power MOSFET
SSG4910N SECOS-SSG4910N_15 Datasheet
919Kb / 4P
   Dual-N Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com