전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA11181-BROOKE-S 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 CA11181-BROOKE-S
상세설명  BROOKE-tape series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11181-BROOKE-S 데이터시트(HTML) 1 Page - Ledil, Inc.

  CA11181-BROOKE-S Datasheet HTML 1Page - Ledil, Inc. CA11181-BROOKE-S Datasheet HTML 2Page - Ledil, Inc. CA11181-BROOKE-S Datasheet HTML 3Page - Ledil, Inc. CA11181-BROOKE-S Datasheet HTML 4Page - Ledil, Inc. CA11181-BROOKE-S Datasheet HTML 5Page - Ledil, Inc. CA11181-BROOKE-S Datasheet HTML 6Page - Ledil, Inc. CA11181-BROOKE-S Datasheet HTML 7Page - Ledil, Inc. CA11181-BROOKE-S Datasheet HTML 8Page - Ledil, Inc. CA11181-BROOKE-S Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Brooke series
last update 11/11/2016
DETAILS
Product Number
CA11181_BROOKE-S
Family
Brooke
Type
RefAssy
Color
metal
Diameter
45 mm
Height
20,1 mm
Style
round
Optic Material
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
11/11/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
BXRA ES Rectangle
24 deg
Spot
94 %
-
-
V6 Gen6
12 deg
Spot
94 %
7.300
-
V8 Gen6
15 deg
Spot
94 %
5.200
-
CXA/B 13xx
12 deg
Spot
94 %
7.900
-
XHP70
15 deg
Spot
94 %
5.500
-
September 21st 2017 7:28 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA11181-BROOKE-S

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA11181 CREE-CA11181 Datasheet
566Kb / 9P
   BROOKE-tape series
logo
Ledil, Inc.
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
   ~25째 spot beam. Assembly with installation tape.
More results

유사한 설명 - CA11181-BROOKE-S

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA11181 CREE-CA11181 Datasheet
566Kb / 9P
   BROOKE-tape series
C12083 CREE-C12083 Datasheet
415Kb / 5P
   Brooke series
CN12351 CREE-CN12351 Datasheet
283Kb / 4P
   Brooke series
C12084 CREE-C12084 Datasheet
414Kb / 5P
   Brooke series
F14738 CREE-F14738 Datasheet
1Mb / 17P
   Brooke series
F14739 CREE-F14739 Datasheet
1Mb / 17P
   Brooke series
F14740 CREE-F14740 Datasheet
1Mb / 17P
   Brooke series
CN12352 CREE-CN12352 Datasheet
111Kb / 2P
   Brooke series
logo
Ledil, Inc.
CA11182-BROOKE-M LEDIL-CA11182-BROOKE-M Datasheet
440Kb / 9P
   Brooke series
CA11183-BROOKE-W LEDIL-CA11183-BROOKE-W Datasheet
217Kb / 4P
   Brooke series
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com