전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SB10150L 데이터시트(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 SB10150L
상세내용  10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB10150L 데이터시트(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SB10150L 데이터시트 HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SB10150L 데이터시트 HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SB10150L 데이터시트 HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R
FIG.2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
1
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
100
10000
1.0
4.0
10
100
1000
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=100
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
SB1060L
SB1045L-SB1050L
SB1080L
SB10100L
SB10150L SB10200L
FIG.1 - FORWARD CURRENT DERATING CURVE
10.0
8.0
4.0
2.0
6.0
0
0
50
100
150
LEAD TEMPERATURE,
oC
60 Hz Resistive or
Inductive load
FIG.3 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
1
10
100
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
2 of 3
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SB1045L-SB10200L
SB1045L-SB10200L
Alldatasheet


Html Pages

1  2  3 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn