전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SB10150L 데이터시트(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 SB10150L
상세내용  10.0A SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB10150L 데이터시트(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SB10150L 데이터시트 HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SB10150L 데이터시트 HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SB10150L 데이터시트 HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10.0A SUPER BARRIER RECTIFIER
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1 of 3
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SB1045L-SB10200L
10100L
1060L
1050L
1045L
SB
SB
SB
-55 to +150
-55 to +150
32
DC
Forward Voltage Drop T =25
At Rated DC Blocking Voltage
T =100
Peak Reverse Curent
T =25
@IF=10A
Junctionto Ambient
Typical Thermal Resistance
Average Rectified Output Current
(Note1)
Unit
V
A
mA
℃ /W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4mm.
Operating junction temperature range
0.3
15
0.50
VR(RMS)
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
10
Parameter
Symbol
V RRM
45
DC blocking voltage
V
load(JEDEC Method)
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
VRWM
V
V
A
150
RMS Rectified Voltage
(Note2)
IO
IFSM
V FM
IR
RθJA
RθJL
TJ
TSTG
A
A
A
1080L
SB
SB
10150L
SB
50
60
80
100
150
35
42
56
70
105
0.55
0.75
0.90
80
10
10200L
SB
200
140
SB1045L-SB10200L
Case:TO-277B Molded Plastic "Green" Molding Compound
Excellent High Temperature Stability
Lead Free: For RoHS/Lead Free Version
High Thermal Reliability
Ultra Low Power Loss, High Efficiency
High Foward Surge Capability
High Junction Temperture
Bypass Diodes for Solar Panels
!
!
!
!
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Mounting Position: Any
!
Marking: Type Number
!
Patented Super Barrier Rectifier Technology
!
!
!
!
Schottky Barrier Chip
A
t
I 2 t Rating for Fusing (t < 8.3ms)
2
2s
I
93.4
Alldatasheet


Html Pages

1  2  3 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn