전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB10100L 데이터시트(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 SB10100L
상세설명  10.0A SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SB10100L 데이터시트(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SB10100L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SB10100L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SB10100L Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB10**L
TO-277B
3 of 3
Ordering Information
Part Number
Case
Packaging
5000/Tape & Reel
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Outline Dimensions
Suggested Pad Layout
Dim
Min
Max
A
1.05
1.15
B
0.33
0.43
C
0.80
0.99
D
1.70
1.88
E
3.90
4.05
F
3.054 Typ
G
6.40
6.60
H
1.84 Typ
I
5.30
5.45
J
3.549 Typ
K
0.75
0.95
L
0.50
0.65
M
1.10
1.41
All Dimensions in mm
Dimensions
Value (in mm)
1.840
a
3.360
c
1.390
b
4.860
d
1.400
G
I
C
A
B
B
E
D
C
H
F
K
J
L
M
h
a
e
d
b
c
TO-277B
e
h
0.852
SB1045L-SB10200L
SB1045L-SB10200L
Alldatasheet


유사한 부품 번호 - SB10100L

제조업체부품명데이터시트상세설명
logo
DIYI Electronic Technol...
SB10100L DYELEC-SB10100L Datasheet
2Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SB10100L YIXIN-SB10100L Datasheet
2Mb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SB10100L CHENDA-SB10100L Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Saite Microele...
SB10100L PHY-SB10100L Datasheet
877Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SB10100L JUXING-SB10100L Datasheet
2Mb / 2P
   Surface Mount Schottky Rectifiers
More results

유사한 설명 - SB10100L

제조업체부품명데이터시트상세설명
logo
Formosa MS
SL1045 FORMOSA-SL1045_13 Datasheet
830Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Nanjing International G...
SL1045L DGNJDZ-SL1045L Datasheet
141Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Formosa MS
SB1045L FORMOSA-SB1045L Datasheet
555Kb / 2P
   10.0A SUPER BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SDB1045L ZSELEC-SDB1045L Datasheet
199Kb / 2P
   10.0A SUPER BARRIER RECTIFIER
logo
Formosa MS
SL1045 FORMOSA-SL1045 Datasheet
378Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR10U200P5 DIODES-SBR10U200P5 Datasheet
81Kb / 3P
   10.0A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31234 Rev. 4 - 2
logo
Shanghai Leiditech Elec...
SB1045L LEIDITECH-SB1045L Datasheet
1Mb / 2P
   10.0A Schottky BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
10U45 YIXIN-10U45 Datasheet
260Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB1045L CHENDA-SB1045L Datasheet
1Mb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MURB1010CT ZSELEC-MURB1010CT Datasheet
232Kb / 2P
   10.0A GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com