전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB40S100CT 데이터시트(PDF) 1 Page - Chip Integration Technology Corporation

부품명 CB40S100CT
상세설명  40A Trench Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CITC [Chip Integration Technology Corporation]
홈페이지  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CB40S100CT 데이터시트(HTML) 1 Page - Chip Integration Technology Corporation

  CB40S100CT Datasheet HTML 1Page - Chip Integration Technology Corporation CB40S100CT Datasheet HTML 2Page - Chip Integration Technology Corporation CB40S100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
CB40S100CT
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
45
0.5
mV
mA
MIN.
MAX.
O
I = 20A, T = 25 C
F
J
O
I = 20A, T = 125 C
F
J
670
730
Document ID : DS-12KGZ
Revised Date : 2015/10/22
Revision : C
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1) (per diode)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CB40S100CT
UNIT
-40 ~ +150
40
300
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
1
Marking code
CB40S100CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
100
V
(per diode)
40A Trench Schottky Rectifier
• Epoxy : UL94-V0 rated flame retardant.
2
• Case : Molded plastic, TO-263/D PAK
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
.
• Polarity: Indicated by cathode band
.
• Mounting Position : Any
.
• Weight : Approximated 1.70 gram
2
D PAK(TO-263)
Marking code
0.411(10.45)
0.380(9.65)
0.228(5.80)
0.173(4.40)
0.370(9.40)
0.320(8.13)
0.205(5.20)
0.189(4.80)
0.063(1.60)
0.024(0.60)
0.024(0.60)
0.011(0.28)
0.055(1.40)
0.045(1.14)
0.190(4.83)
0.160(4.06)
0~0.012(0~0.30)
0.110(2.79)
0.090(2.29)
0.055(1.40)
0.031(0.80)
PIN 1
PIN 3
PIN 2
1
3
2
0.245(6.22)
MIN
Chip Integration Technology Corporation


유사한 부품 번호 - CB40S100CT

제조업체부품명데이터시트상세설명
logo
Altech corporation
CB4 ALTECH-CB4 Datasheet
103Kb / 1P
   HIGH TEMPERATURE CERAMIC EUROBLOCKS
logo
Amphenol Wilcoxon Sensi...
CB4 WILCOXON-CB4 Datasheet
351Kb / 1P
   Cable termination junction box
Rev.E.1 09/18
logo
Altech corporation
CB4/1 ALTECH-CB4/1 Datasheet
103Kb / 1P
   HIGH TEMPERATURE CERAMIC EUROBLOCKS
CB4/2 ALTECH-CB4/2 Datasheet
103Kb / 1P
   HIGH TEMPERATURE CERAMIC EUROBLOCKS
CB4/2H ALTECH-CB4/2H Datasheet
103Kb / 1P
   HIGH TEMPERATURE CERAMIC EUROBLOCKS
More results

유사한 설명 - CB40S100CT

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
CF40S100CT CITC-CF40S100CT Datasheet
467Kb / 3P
   40A Trench Schottky Rectifier
C40S120CT CITC-C40S120CT Datasheet
466Kb / 3P
   40A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT40H120CT DIODES-SDT40H120CT_V01 Datasheet
750Kb / 6P
   40A TRENCH SCHOTTKY RECTIFIER
May 2022 Rev. 5 - 2
logo
Chip Integration Techno...
C40S100CT CITC-C40S100CT Datasheet
497Kb / 3P
   40A Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSF40U100C TSC-TSF40U100C Datasheet
231Kb / 4P
   40A, 100V Trench Schottky Rectifier
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
   120V, 40A Low VF Trench Barrier Schottky Rectifier
logo
Digitron Semiconductors
MBR4045WT DIGITRON-MBR4045WT Datasheet
142Kb / 2P
   40A SCHOTTKY RECTIFIER
MBR5025L DIGITRON-MBR5025L Datasheet
212Kb / 2P
   40A SCHOTTKY RECTIFIER
MBR4045PT DIGITRON-MBR4045PT Datasheet
149Kb / 2P
   40A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBRT40V100CT DIODES-SBRT40V100CT_15 Datasheet
210Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com