전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS10L45CT-A 데이터시트(PDF) 1 Page - Chip Integration Technology Corporation

부품명 CS10L45CT-A
상세설명  10A MOS Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CITC [Chip Integration Technology Corporation]
홈페이지  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS10L45CT-A 데이터시트(HTML) 1 Page - Chip Integration Technology Corporation

  CS10L45CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS10L45CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS10L45CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CS10L4
G-A.
5CT
Lead free in compliance with EU RoHS.
CS10L45CT-A
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
470
I
O
I
F S M
I
R R M
T
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Typical Thermal resistance (per dipde)
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
UNIT
-55 ~ +150
10
200
A
A
O C/W
O C
50
R
θ J A
Junction to ambient
Peak repetitive reverse surge current
A
2us - 1kHz
2
Working peak reverse voltage
V
RW M
V
CS10L45CT-A
45
(per diode)
Document ID : DS-11KB8
Revised Date : 2016/12/19
Revision : C8
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
■ Outline
TO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.398(10.1)
0.406(10.3)
0.236(6.0)
0.252(6.4)
0.579(14.7)
0.594(15.1)
0.543(13.8)
0.551(14.0)
0.143(3.63)
0.159(4.03)
0.104(2.64)
0.112(2.84)
0.335(8.5)
0.350(8.9)
0.046(1.17)
0.054(1.37)
0.028(0.71)
0.036(0.91)
0.098(2.49)
0.102(2.59)
0.176(4.47)
0.184(4.67)
0.046(1.17)
0.054(1.37)
0.102(2.6)
0.110(2.8)
0.019(0.28)
0.021(0.48)
0.147(3.74)
0.155(3.94)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.394(10.0)
0.413(10.5)
0.228(5.8)
0.268(6.8)
0.570(14.48)
0.625(15.87)
0.519(13.18)
0.558(14.18)
0.089(3.5)
0.099(3.9)
0.100(2.54)
0.120(3.04)
0.330(8.38)
0.350(8.9)
0.045(1.15)
0.060(1.52)
0.029(0.75)
0.037(0.95)
0.095(2.42)
0.105(2.66)
0.160(4.07)
0.190(4.82)
0.045(1.15)
0.055(1.39)
0.080(2.04)
0.110(2.8)
0.013(0.33)
0.019(0.52)
0.148(3.75)
0.156(3.95)
Alternate
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
C
PIN 1
PIN 3
PIN 2
Dimensions in inches and (millimeters)
360
Chip Integration Technology Corporation
10A MOS Schottky Rectifier
Main Product Characteristics
I
F ( AV )
2x5A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.36V
O C/W
2
R
θ J C
Junction to case
T
J
Operating Junction temperature
-55 ~ +150
O C
Reverse Breakdown Voltage (per diode)
V
B R
V
O
I = 0.5mA, T = 25 C
R
J
45
O
I = 3A, T = 25 C
F
J
370


유사한 부품 번호 - CS10L45CT-A

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
CS10L100CT CITC-CS10L100CT Datasheet
465Kb / 3P
   10A Low Barrier Diode
CS10L100CT-A CITC-CS10L100CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS10L150CT CITC-CS10L150CT Datasheet
465Kb / 3P
   10A Low Barrier Diode
CS10L150CT-A CITC-CS10L150CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS10L60CT-A CITC-CS10L60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

유사한 설명 - CS10L45CT-A

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
CSF10L45CT-A CITC-CSF10L45CT-A Datasheet
505Kb / 3P
   10A MOS Schottky Rectifier
CSF10S45CT-A CITC-CSF10S45CT-A Datasheet
505Kb / 3P
   10A MOS Schottky Rectifier
logo
PFC Device Inc.
P10L45SP PFC-P10L45SP Datasheet
722Kb / 5P
   10A 45V MOS Schottky Rectifier
PFR10L60CT PFC-PFR10L60CT Datasheet
773Kb / 7P
   10A 60V MOS Schottky Rectifier
PFR10L150CT PFC-PFR10L150CT Datasheet
777Kb / 7P
   10A 150V MOS Schottky Rectifier
P10150E PFC-P10150E Datasheet
632Kb / 6P
   10A 150V MOS Schottky Rectifier
PFR10200CT PFC-PFR10200CT Datasheet
775Kb / 7P
   10A 200V MOS Schottky Rectifier
PFS10L60 PFC-PFS10L60 Datasheet
561Kb / 5P
   10A 60V MOS Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P15V50-TO277 YFWDIODE-P15V50-TO277 Datasheet
710Kb / 4P
   10A 50V MOS Schottky Rectifier
P10V45 YFWDIODE-P10V45 Datasheet
319Kb / 4P
   10A 45V MOS Schottky Rectifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com