전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8342D10BGD-400 데이터시트(PDF) 5 Page - GSI Technology

부품명 GS8342D10BGD-400
상세설명  36Mb SigmaQuad-IITM Burst of 4 SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342D10BGD-400 데이터시트(HTML) 5 Page - GSI Technology

  GS8342D10BGD-400 Datasheet HTML 1Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 2Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 3Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 4Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 5Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 6Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 7Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 8Page - GSI Technology GS8342D10BGD-400 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
1M x 36 SigmaQuad-II+ SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA
(288Mb )
NC/SA
(72Mb)
W
BW2
K
BW1
R
SA
NC/SA
(144Mb)
CQ
B
Q27
Q18
D18
SA
BW3
K
BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
NC
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
QVLD
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—13 x 15 mm Body—1 mm Bump Pitch
Notes:
3. BW0 controls writes to D0:D8; BW1 controls writes to D9:D17; BW2 controls writes to D18:D26; BW3 controls writes to D27:D35
4. Pins A2, A3, and A10 are the expansion addresses.
GS8342D07/10/19/37BD-450/400/350/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 8/2017
5/29
© 2011, GSI Technology


유사한 부품 번호 - GS8342D10BGD-400

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8342D10BGD-400I GSI-GS8342D10BGD-400I Datasheet
506Kb / 29P
   JEDEC-standard pinout and package
More results

유사한 설명 - GS8342D10BGD-400

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8342D38BGD-350 GSI-GS8342D38BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-350 GSI-GS8342D11BGD-350 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT11BD-550 GSI-GS8342DT11BD-550 Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT38BD-400I GSI-GS8342DT38BD-400I Datasheet
524Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D10BGD-450 GSI-GS8342D10BGD-450 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D11BGD-550 GSI-GS8342D11BGD-550 Datasheet
523Kb / 30P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D19BD-300I GSI-GS8342D19BD-300I Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D19BD-333 GSI-GS8342D19BD-333 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D07BGD-350 GSI-GS8342D07BGD-350 Datasheet
506Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT10BD-333I GSI-GS8342DT10BD-333I Datasheet
507Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT07 GSI-GS8342DT07 Datasheet
467Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com