전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCHS16830 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ALVCHS16830
상세설명  18-bit to 36-bit address driver with bus hold (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCHS16830 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCHS16830 Datasheet HTML 2Page - NXP Semiconductors 74ALVCHS16830 Datasheet HTML 3Page - NXP Semiconductors 74ALVCHS16830 Datasheet HTML 4Page - NXP Semiconductors 74ALVCHS16830 Datasheet HTML 5Page - NXP Semiconductors 74ALVCHS16830 Datasheet HTML 6Page - NXP Semiconductors 74ALVCHS16830 Datasheet HTML 7Page - NXP Semiconductors 74ALVCHS16830 Datasheet HTML 8Page - NXP Semiconductors 74ALVCHS16830 Datasheet HTML 9Page - NXP Semiconductors 74ALVCHS16830 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product data
74ALVCHS16830
18-bit to 36-bit address driver with bus hold (3-State)
2002 Mar 15
6
SWITCHING CHARACTERISTICS
Over recommended operating free-air temperature range (unless otherwise noted) (see Figures 1 and 2).
PARAMETER
FROM
TO
VCC = 2.5 V ± 0.2 V
VCC = 2.7 V
VCC = 3.3 V ± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
1.2
3.8
4
1.7
3.5
ns
ten
OE
Y
1
5.7
5.7
1
4.8
ns
tdis
OE
Y
1
4.9
5.4
1.7
5.2
ns
tsk(o)1
Output skew
500
ps
NOTE:
1. Output skew between any 2 outputs of same part switching in the same direction.
OPERATING CHARACTERISTICS, Tamb = 25 °C
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = 2.5 V ± 0.2 V
VCC = 3.3 V ± 0.3 V
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
TYP
TYP
UNIT
C
Power dissipation
capacitance per
All outputs enabled
C =0 f=10MHz
49
53
pF
Cpd
capacitance per
driver
All outputs disabled
CL = 0, f = 10 MHz
6
7.5
pF


유사한 부품 번호 - 74ALVCHS16830

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCHS162830 PHILIPS-74ALVCHS162830 Datasheet
89Kb / 10P
   18-bit to 36-bit address driver with bus hold (3-State)
2001 Sep 07
logo
Texas Instruments
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI1-74ALVCHS162830A Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830AGR TI-74ALVCHS162830AGR Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830AGR TI1-74ALVCHS162830AGR Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVCHS16830

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCHS162830 PHILIPS-74ALVCHS162830 Datasheet
89Kb / 10P
   18-bit to 36-bit address driver with bus hold (3-State)
2001 Sep 07
logo
Integrated Device Techn...
IDT74ALVCHS162830 IDT-IDT74ALVCHS162830 Datasheet
64Kb / 6P
   3.3V CMOS 1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162344 IDT-IDT74ALVCH162344 Datasheet
84Kb / 6P
   3.3V CMOS 1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHS162830 RENESAS-IDT74ALVCHS162830 Datasheet
255Kb / 7P
   3.3V CMOS 1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
OCTOBER 1999
logo
Texas Instruments
SN74ALVCH16282 TI-SN74ALVCH16282 Datasheet
140Kb / 10P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHG162282 TI-SN74ALVCHG162282 Datasheet
104Kb / 8P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHG162282 TI1-SN74ALVCHG162282_08 Datasheet
297Kb / 12P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCHS162830 TI-SN74ALVCHS162830 Datasheet
97Kb / 7P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com