전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSB20S45CT-A 데이터시트(PDF) 2 Page - Chip Integration Technology Corporation

부품명 CSB20S45CT-A
상세설명  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CITC [Chip Integration Technology Corporation]
홈페이지  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSB20S45CT-A 데이터시트(HTML) 2 Page - Chip Integration Technology Corporation

  CSB20S45CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSB20S45CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSB20S45CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig. 2 - Instantaneous Forward
Characteristics (per diode)
Instantaneous Forward Voltage (Volts)
0
0.1
0.2
0.3
0.4
0.5
100
10
1
0.1
0.01
T =25°C
A
T =75°C
A
T =100°C
A
T =150°C
A
T =125°C
A
Reverse Voltage (V)
Fig. 3 - Reverse Characteristics (per diode)
0
10
20
30
40
50
1000
100
10
1
0.1
0.01
O
T =25 C
A
O
T =75 C
A
O
T =100 C
A
O
T =1
50 C
A
O
T =125 C
A
CSB20S45CT-A
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Document ID : DS-11KDZ
Revised Date : 2015/08/11
Revision : C1
Fig.1 - Forward Current Derating Curve (total device)
0
25
50
75
100
125
150
175
O
Case Temperature,T ( C)
C
15
10
5
single phase half wave 60Hz
resistive or inductive load


유사한 부품 번호 - CSB20S45CT-A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CSB200-883M ETC2-CSB200-883M Datasheet
1Mb / 1P
   3.5" Disk-Size SBC
CSB200-88811M ETC2-CSB200-88811M Datasheet
914Kb / 1P
   Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
logo
Chino-Excel Technology
CSB20C04 CET-CSB20C04 Datasheet
287Kb / 2P
   20 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - CSB20S45CT-A

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com