전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5241BR10 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD5241BR10
상세설명  I2C Compatible 256-Position Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5241BR10 데이터시트(HTML) 4 Page - Analog Devices

  AD5241BR10 Datasheet HTML 1Page - Analog Devices AD5241BR10 Datasheet HTML 2Page - Analog Devices AD5241BR10 Datasheet HTML 3Page - Analog Devices AD5241BR10 Datasheet HTML 4Page - Analog Devices AD5241BR10 Datasheet HTML 5Page - Analog Devices AD5241BR10 Datasheet HTML 6Page - Analog Devices AD5241BR10 Datasheet HTML 7Page - Analog Devices AD5241BR10 Datasheet HTML 8Page - Analog Devices AD5241BR10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
AD5241/AD5242
–4–
ABSOLUTE MAXIMUM RATINGS*
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V , –7 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VA, VB, VW to GND . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
AX–BX, AX–WX, BX–WX at 10 k
Ω in TSSOP-14 . . . ±5.0 mA*
AX–BX, AX–WX, BX–WX at 100 k
Ω in TSSOP-14 . . ±1.5 mA*
AX–BX, AX–WX, BX–WX at 1 M
Ω in TSSOP-14 . . . ±0.5 mA*
Digital Input Voltage to GND . . . . . . . . . . . . . . . . . . 0 V, 7 V
Operating Temperature Range . . . . . . . . . . –40
°C to +105°C
Thermal Resistance
θ
JA
SOIC (SOIC-14) . . . . . . . . . . . . . . . . . . . . . . . . . 158
°C/W
SOIC (SOIC-16) . . . . . . . . . . . . . . . . . . . . . . . . . . 73
°C/W
TSSOP-14 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
°C/W
TSSOP-16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
°C/W
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
Package Power Dissipation PD = (TJ max – TA)/
θ
JA
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperatures
R-14, R-16A, RU-14, RU-16 (Vapor Phase, 60 sec) . 215
°C
R-14, R-16A, RU-14, RU-16 (Infrared, 15 sec) . . . . . 220
°C
*Max current increases at lower resistance and different packages.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD5241/AD5242 feature proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Number of
Number of
End to End
Temperature
Package
Package
Devices per
Model
Channels
RAB ( )
Range ( C)
Description
Option
Container
AD5241BR10
1
10 k
–40 to +105
SOIC-14
R-14
56
AD5241BR10-REEL7
1
10 k
–40 to +105
SOIC-14
R-14
1000
AD5241BRU10-REEL7
1
10 k
–40 to +105
TSSOP-14
RU-14
1000
AD5241BR100
1
100 k
–40 to +105
SOIC-14
R-14
56
AD5241BR100-REEL7
1
100 k
–40 to +105
SOIC-14
R-14
1000
AD5241BRU100-REEL7
1
100 k
–40 to +105
TSSOP-14
RU-14
1000
AD5241BR1M
1
1 M
–40 to +105
SOIC-14
R-14
56
AD5241BRU1M-REEL7
1
1 M
–40 to +105
TSSOP-14
RU-14
1000
AD5242BR10
2
10 k
–40 to +105
SOIC-16
R-16A
48
AD5242BR10-REEL7
2
10 k
–40 to +105
SOIC-16
R-16A
1000
AD5242BRU10-REEL7
2
10 k
–40 to +105
TSSOP-16
RU-16
1000
AD5242BR100
2
100 k
–40 to +105
SOIC-16
R-16A
48
AD5242BR100-REEL7
2
100 k
–40 to +105
SOIC-16
R-16A
1000
AD5242BRU100-REEL7
2
100 k
–40 to +105
TSSOP-16
RU-16
1000
AD5242BR1M
2
1 M
–40 to +105
SOIC-16
R-16A
48
AD5242BRU1M-REEL7
2
1 M
–40 to +105
TSSOP-16
RU-16
1000
NOTES
1The AD5241/AD5242 die size is 69 mil
× 78 mil, 5,382 sq. mil. Contains 386 transistors for each channel. Patent Number 5495245 applies.
2TSSOP packaged units are only available in 1,000-piece quantity Tape and Reel.


유사한 부품 번호 - AD5241BR10

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10-REEL7 AD-AD5241BR10-REEL7 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR100 AD-AD5241BR100 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR100-REEL7 AD-AD5241BR100-REEL7 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results

유사한 설명 - AD5241BR10

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com