전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSQ73N10SG 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSQ73N10SG
상세설명  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSQ73N10SG 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSQ73N10SG Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSQ73N10SG Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSQ73N10SG Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSQ73N10SG Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SSQ73 10SG
73A, 100V, RDS(O ) 11m
-Ch Enhancement Mode Power MOSFET
29-Jun-2017 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TYPICAL CHARACTERISTICS CURVE


유사한 부품 번호 - SSQ73N10SG

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SSQ7 BEL-SSQ7 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ7 BEL-SSQ7 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ7 BEL-SSQ7 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ750 BEL-SSQ750 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ750 BEL-SSQ750 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com