전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5242BRU1M-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5242BRU1M-REEL7
상세설명  I2C Compatible 256-Position Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5242BRU1M-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5242BRU1M-REEL7 Datasheet HTML 4Page - Analog Devices AD5242BRU1M-REEL7 Datasheet HTML 5Page - Analog Devices AD5242BRU1M-REEL7 Datasheet HTML 6Page - Analog Devices AD5242BRU1M-REEL7 Datasheet HTML 7Page - Analog Devices AD5242BRU1M-REEL7 Datasheet HTML 8Page - Analog Devices AD5242BRU1M-REEL7 Datasheet HTML 9Page - Analog Devices AD5242BRU1M-REEL7 Datasheet HTML 10Page - Analog Devices AD5242BRU1M-REEL7 Datasheet HTML 11Page - Analog Devices AD5242BRU1M-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
AD5241/AD5242
–8–
0.1
0.01
0.001
80
60
40
20
0
–20
–40
TEMPERATURE – C
RAB = 10k
VDD = 5.5V
TPC 7. Shutdown Current vs. Temperature
VDD/VSS = 2.7V/0V
TA = 25 C
100k
VERSION
CODE – Decimal
128
96
64
32
0
70
60
20
0
–30
50
40
30
10
–10
–20
10k
VERSION
10M
VERSION
160
192
224
256
TPC 8.
VWB/ T Potentiometer Mode Tempco
CODE – Decimal
120
100
20
–20
–80
256
224
192
160
128
96
64
32
0
80
60
40
0
–40
–60
VDD/VSS = 2.7V/0V
TA = 25 C
10k
VERSION
10M
VERSION
100k
VERSION
TPC 9.
RWB/ T Rheostat Mode Tempco
TA = 25 C
COMMON MODE – V
100
90
50
30
5
4
3
2
1
0
–1
–2
–3
80
70
60
40
20
10
VDD/VSS = +2.7V/0V
6
VDD/VSS = 2.7V/0V
VDD/VSS = +5.5V/0V
TPC 10. Incremental Wiper Contact vs. VDD/VSS
FREQUENCY – kHz
300
100
50
0
1000
100
10
150
200
250
E
B
C
A
D
F
A – VDD/VSS = 5.5V/0V
CODE = FF
B – VDD/VSS = 3.3V/0V
CODE = FF
C – VDD/VSS = 2.5V/0V
CODE = FF
D – VDD/VSS = 5.5V/0V
CODE = 55
E – VDD/VSS = 3.3V/0V
CODE = 55
F – VDD/VSS = 2.5V/0V
CODE = 55
TPC 11. Supply Current vs. Frequency
FREQUENCY – Hz
6
–36
–42
–48
–54
1M
100k
10k
1k
100
–30
–24
–18
–12
–6
0
FFH
80H
40H
20H
10H
08H
04H
02H
01H
TPC 12. AD5242 10 k
Ω Gain vs. Frequency vs. Code


유사한 부품 번호 - AD5242BRU1M-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5242BRU1M-REEL7 AD-AD5242BRU1M-REEL7 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results

유사한 설명 - AD5242BRU1M-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com