전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8672D38BE-500I 데이터시트(PDF) 9 Page - GSI Technology

부품명 GS8672D38BE-500I
상세설명  72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672D38BE-500I 데이터시트(HTML) 9 Page - GSI Technology

Back Button GS8672D38BE-500I Datasheet HTML 5Page - GSI Technology GS8672D38BE-500I Datasheet HTML 6Page - GSI Technology GS8672D38BE-500I Datasheet HTML 7Page - GSI Technology GS8672D38BE-500I Datasheet HTML 8Page - GSI Technology GS8672D38BE-500I Datasheet HTML 9Page - GSI Technology GS8672D38BE-500I Datasheet HTML 10Page - GSI Technology GS8672D38BE-500I Datasheet HTML 11Page - GSI Technology GS8672D38BE-500I Datasheet HTML 12Page - GSI Technology GS8672D38BE-500I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Separate I/O SigmaQuad II+ B4 ECCRAM Truth Table
Previous
Operation
A
R
W
Current
Operation
D
D
D
D
Q
Q
Q
Q
K
(tn-1)
K
(tn)
K
(tn)
K
(tn)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn+2½)
K
(tn+3)
K
(tn+3½)
K
(tn+4)
Deselect
X
1
1
Deselect
X
X
Hi-Z/0
Hi-Z/0
Write
X
1
X
Deselect
D2
D3
Hi-Z/0
Hi-Z/0
Read
X
X
1
Deselect
X
X
Q2
Q3
Deselect
V
1
0
Write
D0
D1
D2
D3
Hi-Z/0
Hi-Z/0
Deselect
V
0
X
Read
X
X
Q0
Q1
Q2
Q3
Read
V
X
0
Write
D0
D1
D2
D3
Q2
Q3
Write
V
0
X
Read
D2
D3
Q0
Q1
Q2
Q3
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations.
4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations.
5. Users should not clock in metastable addresses.
6. When On-Die Termination is disabled (ODT = 0), Q drivers are disabled (i.e., Q pins are tri-stated) for one cycle in response to NOP and
Write commands, 2.5 cycles after the command is sampled, except when preceded by a Read command.
7. When On-Die Termination is enabled (ODT = 1), Q drivers are enabled Low (i.e., Q pins are driven Low) for one cycle in response to NOP
and Write commands, 2.5 cycles after the command is sampled, except when preceded by a Read command. This is done so that the ASIC/
Controller can enable On-Die Termination on its data inputs without having to cope with the termination pulling tri-stated data inputs to VDDQ/
2 (i.e., to the switch point of the data input receivers).
GS8672D20/38BE-633/550/500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03c 8/2017
9/30
© 2011, GSI Technology


유사한 부품 번호 - GS8672D38BE-500I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8672D38BE-550I GSI-GS8672D38BE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
More results

유사한 설명 - GS8672D38BE-500I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8672D38BGE-633 GSI-GS8672D38BGE-633 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BE-633I GSI-GS8672D38BE-633I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D20BE-550I GSI-GS8672D20BE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D20BE-500I GSI-GS8672D20BE-500I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BGE-550 GSI-GS8672D38BGE-550 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BGE-550I GSI-GS8672D38BGE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D20BGE-550I GSI-GS8672D20BGE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D20BGE-400 GSI-GS8672D20BGE-400 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BE-400I GSI-GS8672D38BE-400I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
GS8672D38BE-550I GSI-GS8672D38BE-550I Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM Burst of 4 ECCRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com